データシートサーチシステム |
|
TL072AID データシート(PDF) 2 Page - STMicroelectronics |
|
TL072AID データシート(HTML) 2 Page - STMicroelectronics |
2 / 9 page ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage - (note 1) ±18 V Vi Input Voltage - (note 3) ±15 V Vid Differential Input Voltage - (note 2) ±30 V Ptot Power Dissipation 680 mW Output Short-circuit Duration - (note 4) Infinite Toper Operating Free Air Temperature Range TL072C,AC,BC TL072I,AI,BI TL072M,AM,BM 0to 70 –40 to 105 –55 to 125 oC Tstg Storage Temperature Range –65 to 150 oC Notes : 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC + and VCC–. 2. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and /or supply voltages must be limited to ensure that the dissipation rating is not exceeded. Output No n- inver t ing input Inver t ing input V CC V CC 20 0Ω Ω 10 0 Ω 10 0 1.3k 1/2 T L072 30k 35k 35k Ω 10 0 1.3k 8.2k SCHEMATIC DIAGRAM TL072 - TL072A - TL072B 2/9 |
同様の部品番号 - TL072AID |
|
同様の説明 - TL072AID |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |