データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5380BST-5 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5380BST-5
部品情報  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5380BST-5 データシート(HTML) 1 Page - Analog Devices

  AD5380BST-5 Datasheet HTML 1Page - Analog Devices AD5380BST-5 Datasheet HTML 2Page - Analog Devices AD5380BST-5 Datasheet HTML 3Page - Analog Devices AD5380BST-5 Datasheet HTML 4Page - Analog Devices AD5380BST-5 Datasheet HTML 5Page - Analog Devices AD5380BST-5 Datasheet HTML 6Page - Analog Devices AD5380BST-5 Datasheet HTML 7Page - Analog Devices AD5380BST-5 Datasheet HTML 8Page - Analog Devices AD5380BST-5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
32-Channel, 14-Bit, Parallel and
Serial Input, Bipolar Voltage Output DAC
Preliminary Technical Data
AD5378
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
32-channel DAC in 13 mm × 13 mm 108-lead CSPBGA
Guaranteed monotonic to 14 bits
Buffered voltage outputs
Output voltage span of 3.5 V × VREF(+)
Maximum output voltage span of 17.5 V
System calibration function allowing user-programmable
offset and gain
Pseudo differential outputs relative to REFGND
Clear function to user-defined REFGND (CLR pin)
Simultaneous update of DAC outputs (LDAC pin)
DAC increment/decrement mode
Channel grouping and addressing features
Interface options
Parallel interface
DSP/microcontroller-compatible 3-wire serial interface
2.5 V to 5.5 V JEDEC-compliant digital levels
SDO daisy-chaining option
Power-on reset
Digital reset (RESET pin and soft reset function)
APPLICATIONS
Level setting in automatic test equipment (ATE)
Variable optical attenuators (VOAs)
Optical switches
Industrial control systems
FUNCTIONAL BLOCK DIAGRAM
VCC
VDD
VSS
AGND
RESET
POWER-ON
RESET
DGND
LDAC
VBIAS VREF1(+) VREF1(–) REFGND A1
VBIAS
DAC 0–1
DAC
REG
0–1
DAC
REG
2
DAC
REG
5
DAC
REG
6–7
INPUT
REG
0–1
INPUT
REG
2
INPUT
REG
5
INPUT
REG
6–7
DAC 2
DAC 5
DAC 6–7
AD5378
DCEN/WR
SYNC/CS
REG0
REG1
DB13
SCLK/DB12
DIN/DB11
DB0
A7
A0
SER/PAR
DIN
SCLK
SDO
FIFOEN
REFGND B1
REFGND B2
REFGND C1
REFGND C2
REFGND D1
REFGND D2
BUSY
VREF2(+) VREF2(–) REFGND A2
CLR
VOUT 0
VOUT 1
VOUT 2
VOUT 3
VOUT 4
VOUT 5
VOUT 6
VOUT 7
VOUT 8
VOUT 31
×4
14/
14/
14/
14/
14/
14/
14/
14/
14/
14/
14/
14/
14/
14/
m REG0–1
c REG0–1
m REG2
c REG2
m REG7
c REG7
m REG8–9
c REG8–9
14/
14/
14/
14/
14/
14/
14/
Figure 1.
Protected by U.S. Patent No. 5,969,657 and 6,823,416; other patents pending.


同様の部品番号 - AD5380BST-5

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5380BST-5 AD-AD5380BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5380BST-5 AD-AD5380BST-5 Datasheet
975Kb / 34P
   40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
REV. PrF 09/2003
More results

同様の説明 - AD5380BST-5

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com