データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC107 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BC107
部品情報  NPN general purpose transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC107 データシート(HTML) 3 Page - NXP Semiconductors

  BC107 Datasheet HTML 1Page - NXP Semiconductors BC107 Datasheet HTML 2Page - NXP Semiconductors BC107 Datasheet HTML 3Page - NXP Semiconductors BC107 Datasheet HTML 4Page - NXP Semiconductors BC107 Datasheet HTML 5Page - NXP Semiconductors BC107 Datasheet HTML 6Page - NXP Semiconductors BC107 Datasheet HTML 7Page - NXP Semiconductors BC107 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Sep 03
3
Philips Semiconductors
Product specification
NPN general purpose transistors
BC107; BC108; BC109
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BC107
50
V
BC108; BC109
30
V
VCEO
collector-emitter voltage
open base
BC107
45
V
BC108; BC109
20
V
VEBO
emitter-base voltage
open collector
BC107
6V
BC108; BC109
5V
IC
collector current (DC)
100
mA
ICM
peak collector current
200
mA
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
300
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
175
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
0.5
K/mW
Rth j-c
thermal resistance from junction to case
0.2
K/mW


同様の部品番号 - BC107

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BC107 STMICROELECTRONICS-BC107 Datasheet
69Kb / 6P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
List of Unclassifed Man...
BC107 ETC-BC107 Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
logo
Seme LAB
BC107 SEME-LAB-BC107 Datasheet
14Kb / 2P
   GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Siemens Semiconductor G...
BC107 SIEMENS-BC107 Datasheet
263Kb / 8P
   npn sisicon transistor
logo
NXP Semiconductors
BC107 PHILIPS-BC107 Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
More results

同様の説明 - BC107

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com