データシートサーチシステム |
|
LM-NP-1001-B1 データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
LM-NP-1001-B1 データシート(HTML) 2 Page - Bourns Electronic Solutions |
2 / 2 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Part Numbers And Specifications Parameters Unit LM-NP LM-NP LM-NP LM-NP LM-NP LM-LP LM-LP LM-LP LM-LP LM-LP 1001-B1 1002 1003 1004 1005 1001 1002 1003 1004 1005 Ref. Temperature Data °C 25 25 25 25 25 25 25 25 25 25 Impedance Primary Ω 600 600 600 600 600 600 600 600 600 600 (min./at 1.0 kHz) (150, 150) (150+150) (150, 150) (150+150) Secondary Ω 600 600 600 600 600 600 600 600 600 600 (150,150) (150+150) (150,150) (150+150) (150,150) (150+150) (150,150) (150+150) Inductance Primary H 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 (min./at 0.2 kHz) (0.7, 0.7) (0.7+0.7) (0.7, 0.7) (0.7+0.7) Secondary H 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 (0.7,0.7) (0.7+0.7) (0.7,0.7) (0.7+0.7) (0.7,0.7) (0.7+0.7) (0.7,0.7) (0.7+0.7) DC-Resistance Primary Ω 66 66 66 66 66 90 90 90 90 90 (typical/±10 %) (33,33) (33+33) (45,45) 45+45) Secondary Ω 66 66 66 66 66 90 90 90 90 90 (33,33) (33+33) (33,33) (33+33) (45,45) (45+45) (45,45) 45+45) Turns Ratio (≤ ±2 %) — 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 1:1 Winding — — one one both both — one one both both Configurations winding winding windings windings winding winding windings windings center split center split center split center split tapped tapped tapped tapped Insertion Loss (at 2.0 kHz) dB ≤ 1.5 ≤ 2.0 Return Loss Transformer dB ≥ 10.0 ≥ 8.0 (0.2 - 4.0 kHz) In Networks ≥ 21.0 ≥ 20.0 Shunt Loss (typical) kΩ 9.0 9.0 Frequency Response dB - 0.3 - 0.5 (typ./0.2 - 3.5 kHz) Wide Band Response dB - 2.5 - 4.5 (0.2 - 10.0 kHz) Power Level dBm - 45.0 to + 3.0 - 43.0 to + 3.0 Longitudinal Balance dB -80.0 - 70.0 (0.3 - 4.0 kHz) Distortion (0 dB/at 1.0 kHz) % ≤ 0.1 ≤ 0.25 Leakage Induction (typical) mH 14.0 14.0 Dielectric Strength (P/S) kVDC 6.5 6.5 Temperature Range Operation °C -10 to +60 -10 to +60 Storage °C -20 to +70 -20 to +70 Specifications Met BS 6204: Construction and flammability (UL 94 VO) CCITT: Rec. T/CD 1-1 BS 6301: Isolation (Sept. 1982) BS 6305: Return loss (1982/paragraph 4.3.2.2/b) LM-NP/-LP 1000 Series - Line Matching Transformers REV. 04/05 |
同様の部品番号 - LM-NP-1001-B1 |
|
同様の説明 - LM-NP-1001-B1 |