データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP275AIDGKRG4 データシート(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
部品番号 TMP275AIDGKRG4
部品情報  0.5째C Digital Out Temperature Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BURR-BROWN [Burr-Brown (TI)]
ホームページ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP275AIDGKRG4 データシート(HTML) 5 Page - Burr-Brown (TI)

  TMP275AIDGKRG4 Datasheet HTML 1Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP275AIDGKRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TMP275
SBOS363A − JUNE 2006 − REVISED JUNE 2006
www.ti.com
5
APPLICATIONS INFORMATION
The TMP275 is a digital temperature sensor that is optimal
for
thermal
management
and
thermal
protection
applications. The TMP275 is Two-Wire and SMBus
interface-compatible, and is specified over a temperature
range of −40
°C to +125°C.
The TMP275 requires no external components for
operation except for pull-up resistors on SCL, SDA, and
ALERT,
although
a
0.1
µF bypass capacitor is
recommended, as shown in Figure 1.
TMP275
0.1
µF
V+
GND
4
3
7
8
ALERT
(Output)
A
0
6
A
1
5
A
2
2
1
SCL
SDA
To
Two−Wire
Controller
NOTE:SCL,SDA,and ALERT
pins require pull−up resistors.
Figure 1. Typical Connections of the TMP275
The sensing device of the TMP275 is the chip itself.
Thermal paths run through the package leads as well as
the plastic package. The lower thermal resistance of metal
causes the leads to provide the primary thermal path.
To maintain accuracy in applications requiring air or
surface temperature measurement, care should be taken
to isolate the package and leads from ambient air
temperature. A thermally-conductive adhesive will assist
in achieving accurate surface temperature measurement.
POINTER REGISTER
Figure 2 shows the internal register structure of the
TMP275. The 8-bit Pointer Register of the devices is used
to address a given data register. The Pointer Register uses
the two LSBs to identify which of the data registers should
respond to a read or write command. Table 1 identifies the
bits of the Pointer Register byte. Table 2 describes the
pointer address of the registers available in the TMP275.
Power-up reset value of P1/P0 is 00.
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Table 1. Pointer Register Byte
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
Figure 2. Internal Register Structure of the
TMP275
P1
P0
REGISTER
0
0
Temperature Register (READ Only)
0
1
Configuration Register (READ/WRITE)
1
0
TLOW Register (READ/WRITE)
1
1
THIGH Register (READ/WRITE)
Table 2. Pointer Addresses of the TMP275
TEMPERATURE REGISTER
The Temperature Register of the TMP275 is a 12-bit,
read-only register that stores the output of the most recent
conversion. Two bytes must be read to obtain data, and are
described in Table 3 and Table 4. Note that byte 1 is the
most significant byte, followed by byte 2, the least
significant byte. The first 12 bits are used to indicate
temperature, with all remaining bits equal to zero. The
least significant byte does not have to be read if that
information is not needed. Data format for temperature is
summarized in Table 5. Following power-up or reset, the
Temperature Register will read 0
°C until the first
conversion is complete.
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
Table 3. Byte 1 of Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
Table 4. Byte 2 of Temperature Register


同様の部品番号 - TMP275AIDGKRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP275AIDGKRG4 TI-TMP275AIDGKRG4 Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
More results

同様の説明 - TMP275AIDGKRG4

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com