データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80-0211-C データシート(PDF) 6 Page - List of Unclassifed Manufacturers

部品番号 80-0211-C
部品情報  Speech And Music Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

80-0211-C データシート(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 80-0211-C Datasheet HTML 2Page - List of Unclassifed Manufacturers 80-0211-C Datasheet HTML 3Page - List of Unclassifed Manufacturers 80-0211-C Datasheet HTML 4Page - List of Unclassifed Manufacturers 80-0211-C Datasheet HTML 5Page - List of Unclassifed Manufacturers 80-0211-C Datasheet HTML 6Page - List of Unclassifed Manufacturers 80-0211-C Datasheet HTML 7Page - List of Unclassifed Manufacturers 80-0211-C Datasheet HTML 8Page - List of Unclassifed Manufacturers 80-0211-C Datasheet HTML 9Page - List of Unclassifed Manufacturers 80-0211-C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SC-691
Data sheet
6
P/N 80-0211-C
© 2003 Sensory Inc.
Read Operation By The Master
The process for the read operation by the master is the same in either 4-bit or 8-bit mode. The read operation by
the master happens when the slave wants to send something to the master. The read process is initiated by the
slave by pulling OUTRDY_ low when it is ready.
The following events take place during the read operation:
The SC-691 puts the data to be sent to the master on the internal bus.
The SC-691 sets OUTRDY_ low to indicate that it is ready to send data to the microcontroller.
The microcontroller sets R/W_ high to indicate a read operation.
The microcontroller sets STROBE_ low. The data is available on the external data-bus at this point.
The microcontroller reads the data from the bus.
The microcontroller sets STROBE_ high. The SC-691 also pulls OUTRDY_ high at the rising edge of
STROBE_.
The data is taken from the external data-bus after STROBE_ goes high.
The microcontroller should latch or read in the data while STROBE is low. When the microcontroller sets
STROBE_ high, the SC-691 sets OUTRDY_ high to indicate that the data has been successfully transferred.
A) Sequence of events for a single read operation:
OUTRDY
STROBE
DATA
COMMAND/DATA
R/W
B) Read-Two speech data transfer sequences:
OUTRDY
STROBE
DATA
COMMAND/DATA
R/W
Figure 3: Data Transfer – Read
Write Operation By The Master
The process for the write operation by the master is the same in either 4-bit or 8-bit mode. The write operation
by the master happens when the slave is ready to request data or command from the master. The write process
is initiated by the slave by pulling INRDY_ low when the slave is ready to receive data. The following events
take place during the write operation:
The SC-691 sets INRDY_ low to indicate that it is ready to receive data from the microcontroller.
The microcontroller sets R/W _low to indicate a write operation.
The microcontroller puts the data in the external data-bus.
The microcontroller sets STROBE_ low after the data is valid.
The microcontroller sets STROBE_ high after a minimum of 300 ns. The SC-691 also pulls INRDY_ high at
the rising edge of STROBE_.
The data is latched in the SC-691 at the rising edge of STROBE_.


同様の部品番号 - 80-0211-C

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
   Speech And Music Processor
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
   SPEECH AND MUSIC PROCESSORS
More results

同様の説明 - 80-0211-C

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
   Speech And Music Processor
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
   Speech And Music Processor
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
   Speech And Music Processor
80-0209-A ETC1-80-0209-A Datasheet
268Kb / 8P
   Speech And Music Processor
SC-6X ETC2-SC-6X Datasheet
169Kb / 2P
   SPEECH AND MUSIC PROCESSORS
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
   SPEECH AND MUSIC PROCESSORS
RSC-164 ETC1-RSC-164 Datasheet
129Kb / 10P
   General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
SAM5704B ETC1-SAM5704B Datasheet
1Mb / 89P
   AUDIO & MUSIC MULTI-DSP PROCESSOR
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com