データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA3100F20-27PXF80 データシート(PDF) 10 Page - ITT Industries

部品番号 CA3100F20-27PXF80
部品情報  MIL-C-5015 Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

CA3100F20-27PXF80 データシート(HTML) 10 Page - ITT Industries

Back Button CA3100F20-27PXF80 Datasheet HTML 6Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 7Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 8Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 9Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 10Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 11Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 12Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 13Page - ITT Industries CA3100F20-27PXF80 Datasheet HTML 14Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.ittcannon.com
176
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-5015 Connectors
MS-E/F/R/ER
Wall Mounting Receptacle
MS3100E/MS3100F
Integral Cable Clamp
CA3100E/CA3100E
MS3100F wall mounting
receptacles are used to carry
wires thru walls or bulkheads,
or to provide a means of
disconnection at a bulkhead.
MS3100F receptacles mate
with 3106 and 3108 plugs.
MS3100E is identical to
MS3100F and is available upon
request. For new equipment,
customer should specify
MS3100F.
The MS3100R receptacle is
identical in purpose to the
MS3100F. The MS3100R
features a shorter light weight
endbell and mates with 3106
and3108 plugs.
MS3100R
Shell
Size
Shell
Size
†Not to MS specification
*Not Available in MS3101E and MS3101R.
Performance Specifications - Page 168
Contact, Sealing Plugs, Assembly Tools - Page
187
Contact Arrangements - Page 171-174
8S
10S
10SL
12S
14S
16S
12
14
1/2-28UNEF-2A
5/8-24UNEF-2A
5/8-24UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
3/4-20UNEF-2A
7/8-20UNEF-2A
1-20UNEF-2A
1-1/8-18UNEF-2A
1-1/4-18UNEF-2A
1-3/8-18UNEF-2A
1-1/2-18UNEF-2A
1-3/4-18UNS-2A
2-18UNS-2A
2-1/4-16UN-2A
2-1/2-16UN-2A
16
18
20
22
24
28
32
36
40
Shell
Size
A
Thread
A
Thread
8S
10S
10SL
12S
14S
16S
12
14
16
18
20
22
24
28
32
36
40
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.375 (9.53)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.625(15.88)
.235 (5.97)
.235 (5.97)
.297 (7.54)
.297 (7.54)
.422 (10.72)
.547 (13.89)
.297 (7.54)
.422 (10.72)
.547 (13.89)
.610 (15.49)
.735 (18.67)
.740 (18.80)
.922 (23.42)
.922 (23.42)
1.235 (31.37)
1.360 (34.54)
1.628 (41.35)
.102 (2.59)
.102 (2.59)
.140 (3.56)
.140 (3.56)
.195 (4.95)
.255 (6.48)
.140 (3.56)
.195 (4.95)
.255 (6.48)
.285 (7.24)
.350 (8.89)
.350 (8.89)
.468 (11.89)
.468 (11.89)
.664 (15.87)
.694 (17.63)
.911 (23.14)
.125 (3.18)
.125 (3.18)
.125 (3.18)
.140 (3.56)
.140 (3.56)
.140 (3.56)
.146 (3.71)
.146 (3.71)
.146 (3.71)
.180 (4.57)
.180 (4.57)
.180 (4.57)
.203 (5.16)
.203 (5.16)
.203 (5.16)
.203 (5.16)
.203 (5.16)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.250 (57.15)
2.625 (66.68)
2.625 (66.58)
2.625 (66.58)
2.688 (68.28)
2.750 (69.85)
2.750 (69.85)
2.969 (75.44)
3.031 (76.99)
3.031 (76.99)
3.281 (83.34)
3.560 (89.66)†
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
1.838 (46.69)
2.181 (55.40)
2.181 (55.40)
2.181 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.281 (55.40)
2.322 (58.98)
2.322 (58.98)
2.427 (61.65)†
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.562 (14.27)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.750 (19.05)
.812 (20.62)
.812 (20.62)
.875 (22.23)
.875 (22.23)
.875 (22.23)
.890 (22.61)
.890 (22.61)
.970 (24.64)
.970 (24.64)
1.150 (29.21)
1.250 (31.75)
.970 (24.64)
1.150 (29.21)
1.250 (31.75)
1.450 (36.83)
1.570 (39.88)
1.570 (39.88)
1.880 (47.75)
1.880 (47.75)
2.205 (56.01)
2.400 (60.96)
2.840 (72.14)
.594 (15.09)
.719 (18.26)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.93)
1.562 (39.67)
1.750 (44.45)
1.938 (49.23)
2.188 (55.58)
.875 (22.23)
1.000 (25.40)
1.000 (25.40)
1.094 (27.79)
1.188 (30.18)
1.281 (32.54)
1.094 (27.79)
1.188 (30.18)
1.281 (32.54)
1.375 (34.93)
1.500 (38.10)
1.625 (41.28)
1.750 (44.45)
2.000 (50.80)
2.250 (57.15)
2.500 (63.50)
2.750 (69.85)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.120 (3.05)
.147 (3.73)
.147 (3.73)
.173 (4.39)
.173 (4.39)
.173 (4.39)
.840 (21.34)
.840 (21.34)
.900 (22.86)
.900 (22.86)
1.100 (27.94)
1.200 (30.48)
.900 (22.86)
1.100 (27.94)
1.200 (30.48)
1.300 (33.02)
1.500 (38.10)
1.500 (38.10)
1.740 (44.20)
1.740 (44.20)
2.075 (52.71)
2.300 (58.42)
2.688 (68.28)
1.046 (26.57)
1.046 (26.57)
1.125 (28.58)
1.125 (28.58)
1.343 (34.11)
1.484 (37.69)
1.125 (28.58)
1.343 (34.11)
1.484 (37.69)
1.609 (40.87)
1.890 (48.01)
1.890 (48.01)
2.170 (55.12)
2.170 (55.12)
2.656 (67.46)
2.922 (74.22)
-
*
B
Min.
E
Max.
E
Min.
K
Max.
L
Max.
L
Max.
1
P
Max.
S
+
_.031
R
+
_.005
V
Max.
W
Max.
M
+.031
-.000
T
+.010
-.005
CA3100R
W
P
V
A Thd.
T Dia.
4 Mtg. Holes
T Dia.
4 Mtg. Holes
S
Typ.
R
Typ.
R Typ.
S Typ.
A Thd.
B
B
M
M
L
1
L
K
K
E


同様の部品番号 - CA3100F20-27PXF80

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA3100 INTERSIL-CA3100 Datasheet
128Kb / 7P
   38MHz, Operational Amplifier
January 1999
logo
Harris Corporation
CA3100 HARRIS-CA3100 Datasheet
98Kb / 7P
   38MHz, Operational Amplifier
logo
ITT Industries
CA3100A ITT-CA3100A Datasheet
4Mb / 34P
   ITT Cannon is the foremost manufac-turer of MS and MS type connectors with the widest range of connector styles
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
CA3100A18-8P ITT-CA3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

同様の説明 - CA3100F20-27PXF80

メーカー部品番号データシート部品情報
logo
ITT Industries
5015 ITT-5015 Datasheet
645Kb / 15P
   MIL-C-5015 Connectors
025-0458-000 ITT-025-0458-000 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Glenair, Inc.
M24758-9C11 GLENAIR-M24758-9C11 Datasheet
54Kb / 2P
   Adapter for MS3100 Series MIL-C-5015 Connectors
logo
ITT Industries
031-0560-121 ITT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0560-161 ITT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
Dialight Corporation
031-0560-161 DIALIGHT-031-0560-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
031-0554-161 DIALIGHT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 BULKHEAD RECEPTACLES
logo
Amphenol Corporation
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
logo
Dialight Corporation
031-0560-121 DIALIGHT-031-0560-121 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
logo
ITT Industries
031-0554-161 ITT-031-0554-161 Datasheet
583Kb / 6P
   MIL-C-5015 Bulkhead Receptacles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com