データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD138-10 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 BD138-10
部品情報  PNP power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BD138-10 データシート(HTML) 2 Page - NXP Semiconductors

  BD138-10 Datasheet HTML 1Page - NXP Semiconductors BD138-10 Datasheet HTML 2Page - NXP Semiconductors BD138-10 Datasheet HTML 3Page - NXP Semiconductors BD138-10 Datasheet HTML 4Page - NXP Semiconductors BD138-10 Datasheet HTML 5Page - NXP Semiconductors BD138-10 Datasheet HTML 6Page - NXP Semiconductors BD138-10 Datasheet HTML 7Page - NXP Semiconductors BD138-10 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 12
2
Philips Semiconductors
Product specification
PNP power transistors
BD136; BD138; BD140
FEATURES
• High current (max. 1.5 A)
• Low voltage (max. 80 V).
APPLICATIONS
• General purpose power applications, e.g. driver stages
in hi-fi amplifiers and television circuits.
DESCRIPTION
PNP power transistor in a TO-126; SOT32 plastic
package. NPN complements: BD135, BD137 and BD139.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector, connected to metal part of
mounting surface
3
base
Fig.1
Simplified outline (TO-126; SOT32)
and symbol.
handbook, halfpage
MAM272
12
3
Top view
1
2
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BD136
−−45
V
BD138
−−60
V
BD140
−−100
V
VCEO
collector-emitter voltage
open base
BD136
−−45
V
BD138
−−60
V
BD140
−−80
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−1.5
A
ICM
peak collector current
−−2A
IBM
peak base current
−−1A
Ptot
total power dissipation
Tmb ≤ 70 °C
8W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


同様の部品番号 - BD138-10

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BD138-10 SIEMENS-BD138-10 Datasheet
188Kb / 5P
   PNP SILICON TRANSISTORS
logo
SeCoS Halbleitertechnol...
BD138-10 SECOS-BD138-10 Datasheet
85Kb / 2P
   PNP General Purpose Transistor
BD138-10 SECOS-BD138-10 Datasheet
85Kb / 2P
   PNP General Purpose Transistor
logo
Micro Commercial Compon...
BD138-10 MCC-BD138-10 Datasheet
317Kb / 3P
   Power Transistors PnP Silicon Volts
More results

同様の説明 - BD138-10

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HBD136 HSMC-HBD136 Datasheet
36Kb / 3P
   PNP POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
D41E NJSEMI-D41E Datasheet
764Kb / 2P
   PNP POWER TRANSISTORS
logo
NXP Semiconductors
BD227 PHILIPS-BD227 Datasheet
73Kb / 8P
   PNP power transistors
1997 Mar 04
logo
New Jersey Semi-Conduct...
D41D NJSEMI-D41D Datasheet
772Kb / 2P
   PNP POWER TRANSISTORS
2N5404 NJSEMI-2N5404 Datasheet
133Kb / 2P
   PNP POWER TRANSISTORS
logo
FutureWafer Tech Co.,Lt...
2SA2310 FUTUREWAFER-2SA2310 Datasheet
1Mb / 7P
   PNP Power Transistors
23-Jul-2021 V 2.0
logo
New Jersey Semi-Conduct...
2N4902 NJSEMI-2N4902 Datasheet
157Kb / 1P
   PNP POWER TRANSISTORS
logo
Hi-Sincerity Mocroelect...
HBD140 HSMC-HBD140 Datasheet
36Kb / 3P
   PNP POWER TRANSISTORS
logo
FutureWafer Tech Co.,Lt...
2SA8410 FUTUREWAFER-2SA8410 Datasheet
806Kb / 6P
   PNP Power Transistors
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com