データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1100 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BF1100
部品情報  Dual-gate MOS-FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1100 データシート(HTML) 4 Page - NXP Semiconductors

  BF1100 Datasheet HTML 1Page - NXP Semiconductors BF1100 Datasheet HTML 2Page - NXP Semiconductors BF1100 Datasheet HTML 3Page - NXP Semiconductors BF1100 Datasheet HTML 4Page - NXP Semiconductors BF1100 Datasheet HTML 5Page - NXP Semiconductors BF1100 Datasheet HTML 6Page - NXP Semiconductors BF1100 Datasheet HTML 7Page - NXP Semiconductors BF1100 Datasheet HTML 8Page - NXP Semiconductors BF1100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1995 Apr 25
4
Philips Semiconductors
Product specification
Dual-gate MOS-FETs
BF1100; BF1100R
THERMAL CHARACTERISTICS
Notes
1. Device mounted on a printed-circuit board.
2. Ts is the temperature at the soldering point of the source lead.
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Notes
1. RG1 connects gate 1 to VGG = 9 V; see Fig.27.
2. RG1 connects gate 1 to VGG = 12 V; see Fig.27.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
BF1100
500
K/W
BF1100R
550
K/W
Rth j-s
thermal resistance from junction to soldering point
note 2
BF1100
Ts =92 °C
290
K/W
BF1100R
Ts =78 °C
360
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)G1-SS
gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-S = 1 mA
13.2
20
V
V(BR)G2-SS
gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-S = 1 mA
13.2
20
V
V(F)S-G1
forward source-gate 1 voltage
VG2-S =VDS = 0; IS-G1 = 10 mA
0.5
1.5
V
V(F)S-G2
forward source-gate 2 voltage
VG1-S =VDS = 0; IS-G2 = 10 mA
0.5
1.5
V
VG1-S(th)
gate 1-source threshold voltage
VG2-S =4V; VDS =9V;
ID =20 µA
0.3
1
V
VG2-S =4V; VDS =12V;
ID =20 µA
0.3
1
V
VG2-S(th)
gate 2-source threshold voltage
VG1-S =4V; VDS =9V;
ID =20 µA
0.3
1.2
V
VG1-S =4V; VDS =12V;
ID =20 µA
0.3
1.2
V
IDSX
drain-source current
VG2-S =4V; VDS =9V;
RG1 = 180 kΩ; note 1
813
mA
VG2-S =4V; VDS =12V;
RG1 = 250 kΩ; note 2
813
mA
IG1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S =12V
50
nA
IG2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S =12V
50
nA


同様の部品番号 - BF1100

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
BF1100R NXP-BF1100R Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

同様の説明 - BF1100

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100 JMNIC-BF1100_15 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
BF1100_2015 JMNIC-BF1100_2015 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com