データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1108R データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BF1108R
部品情報  Silicon RF switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1108R データシート(HTML) 4 Page - NXP Semiconductors

  BF1108R Datasheet HTML 1Page - NXP Semiconductors BF1108R Datasheet HTML 2Page - NXP Semiconductors BF1108R Datasheet HTML 3Page - NXP Semiconductors BF1108R Datasheet HTML 4Page - NXP Semiconductors BF1108R Datasheet HTML 5Page - NXP Semiconductors BF1108R Datasheet HTML 6Page - NXP Semiconductors BF1108R Datasheet HTML 7Page - NXP Semiconductors BF1108R Datasheet HTML 8Page - NXP Semiconductors BF1108R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Nov 18
4
Philips Semiconductors
Product specification
Silicon RF switches
BF1108; BF1108R
DYNAMIC CHARACTERISTICS
Common cathode; Tamb =25 °C.
Notes
1. IF = diode forward current.
2. Cic is the series connection of Csg and Cgc; Coc is the series connection of Cdg and Cgc.
3. Guaranteed on AQL basis; inspection level S4, AQL 1.0.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
FET and diode
s21(on)2 losses (on-state)
VSC =VDC = 0; RS =RL =50 Ω;
IF = 0; note 1; f ≤ 1 GHz
−−
2dB
VSC =VDC = 0; RS =RL =50 Ω; IF =0;
f = 1 GHz
1.3
dB
VSC =VDC = 0; RS =RL =75 Ω; IF =0;
f
≤ 1 GHz
−−
3dB
s21(off)2 isolation (off-state)
VSC =VDC =5V; RS =RL =50 Ω;
IF = 1 mA; f ≤ 1 GHz
30
−−
dB
VSC =VDC =5V; RS =RL =50 Ω;
IF = 1 mA; f = 1 GHz
38
dB
VSC =VDC =5V; RS =RL =75 Ω;
IF = 1 mA; f ≤ 1 GHz
30
−−
dB
RDSon
drain-source on-resistance VCS = 0; ID =1mA
12
20
Cic
input capacitance; note 2
VSC =VDC =5V; IF = 1 mA; f = 1 MHz
1
pF
VSC =VDC = 0; IF = 0; f = 1 MHz
0.65
0.9
pF
Coc
output capacitance; note 2
VSC =VDC =5V; IF = 1 mA; f = 1 MHz
1
pF
VSC =VDC = 0; IF = 0; f = 1 MHz
0.65
0.9
pF
Diode
Cd
diode capacitance
f = 1 MHz; VR =0
1.1
pF
rD
diode forward resistance
IF = 2 mA; f = 100 MHz; note 3
−−
0.7
handbook, halfpage
MBL027
ds
s
SOT143B
SOT143R
d
g, a
c
c
g, a
Fig.3 Simplified diagram.


同様の部品番号 - BF1108R

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1108R NXP-BF1108R Datasheet
72Kb / 10P
   Silicon RF switches
Rev. 04-29 May 2008
BF1108R NXP-BF1108R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

同様の説明 - BF1108R

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1108_2015 JMNIC-BF1108_2015 Datasheet
73Kb / 12P
   Silicon RF switches
logo
NXP Semiconductors
BF1108 NXP-BF1108 Datasheet
72Kb / 10P
   Silicon RF switches
Rev. 04-29 May 2008
logo
Quanzhou Jinmei Electro...
BF1108 JMNIC-BF1108_15 Datasheet
73Kb / 12P
   Silicon RF switches
logo
Murata Manufacturing Co...
LMSP43AA-191 MURATA-LMSP43AA-191 Datasheet
181Kb / 1P
   RF Diode Switches
logo
Magnetrol International...
80-5212-322 MAGNETROL-80-5212-322 Datasheet
409Kb / 28P
   RF Point Level Switches
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
   Kotron짰 RF Point Level Switches
logo
Maxim Integrated Produc...
IH5341 MAXIM-IH5341 Datasheet
337Kb / 4P
   Dual/Quad RF/Video Switches
19-0946; Rev 1a; 12/94
logo
New Jersey Semi-Conduct...
MBS4991 NJSEMI-MBS4991 Datasheet
80Kb / 2P
   Silicon Bidirectional Switches
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
   RF Coaxial Switches (DC to 15 GHz)
logo
Siemens Semiconductor G...
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com