データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1109 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 BF1109
部品情報  N-channel dual-gate MOS-FETs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1109 データシート(HTML) 8 Page - NXP Semiconductors

Back Button BF1109 Datasheet HTML 4Page - NXP Semiconductors BF1109 Datasheet HTML 5Page - NXP Semiconductors BF1109 Datasheet HTML 6Page - NXP Semiconductors BF1109 Datasheet HTML 7Page - NXP Semiconductors BF1109 Datasheet HTML 8Page - NXP Semiconductors BF1109 Datasheet HTML 9Page - NXP Semiconductors BF1109 Datasheet HTML 10Page - NXP Semiconductors BF1109 Datasheet HTML 11Page - NXP Semiconductors BF1109 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Dec 08
8
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1109; BF1109R; BF1109WR
Fig.16 Gain test circuit.
VDS = 9 V, GS = 2 mS, GL = 0.5 mS, f = 200 MHz.
L1 = 45 nH, 4 turns, internal diameter = 4 mm, 0.8 mm copper wire.
L2 = 160 nH, 3 turns, internal diameter = 8 mm, 0.8 mm copper wire; tapped at approximately half a turn from the cold side, to set GL = 0.5 mS.
C1 adjusted for GS = 2 mS.
handbook, full pagewidth
BF1109
BF1109R
BF1109WR
MDA624
330 k
47 k
15
pF
5.5 pF
C1
1 nF
1 nF
1 nF
1 nF
1 nF
1 nF
VAGC
VDS
G1
G2
S
D
1 nF
330 k
1 nF
BB405
10 pF
BB405
input
50
Vtun input
output
50
Vtun output
L2
L1
2
µH
Fig.17 Gain test circuit.
VDS = 9 V, GS = 3.3 mS, GL = 1 mS, f = 800 MHz.
L1 = 2 cm, silvered 0.8 mm copper wire 4 mm above ground plane.
L2 = 2 cm, silvered 0.8 mm copper wire 4 mm above ground plane.
L3 = 11 turns 0.5 mm copper wire without spacing, internal diameter = 3 mm, L = approx. 200 nH.
handbook, full pagewidth
input
50
output
50
BF1109
BF1109R
BF1109WR
MDA625
47 k
0.5 to 3.5 pF
1 nF
L3
L2
L1
1 nF
1 nF
1 nF
VAGC
VDS
G1
G2
S
D
,,,
2 to 18 pF
4 to 40 pF
,,,,
,,,,
0.5 to 3.5 pF
1 nF


同様の部品番号 - BF1109

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1109 NXP-BF1109 Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109R NXP-BF1109R Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
BF1109WR NXP-BF1109WR Datasheet
371Kb / 15P
   N-channel dual-gate MOS-FETs
1997 Dec 08
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results

同様の説明 - BF1109

メーカー部品番号データシート部品情報
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com