データシートサーチシステム |
|
SM-A167-FREQ データシート(PDF) 1 Page - Nel Frequency Controls,inc |
|
SM-A167-FREQ データシート(HTML) 1 Page - Nel Frequency Controls,inc |
1 / 2 page 357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com TTL HS-160 Series Description The HS-160 Series of quartz crystal oscillators are general purpose TTL oscillators. All units are resistance welded in an all metal package, offering RFI shielding, and are designed to survive standard wave soldering operations without damage. Insulated standoffs to enhance board cleaning are standard. Features • Wide frequency range–0.5MHz to 85.0MHz • User specified tolerance available • Will withstand vapor phase temperatures of 253°C for 4 minutes maximum • Space-saving alternative to discrete component oscillators • High shock resistance, to 3000g • All metal, resistance weld, hermetically sealed package • Low Jitter • High Q Crystal actively tuned oscillator circuit • Power supply decoupling internal • No internal PLL avoids cascading PLL problems • High frequencies due to proprietary design • Gold plated leads - Solder dipped leads available upon request • Low power consumption • RoHS Compliant, Lead Free Construction (unless solder dipped leads are supplied) Electrical Connection Pin Connection 1 N.C. 7 Grd & Case 8 Output 14 V CC CRYSTAL CLOCK OSCILLATORS Data Sheet 9225B Rev. U |
同様の部品番号 - SM-A167-FREQ |
|
同様の説明 - SM-A167-FREQ |