データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13027P データシート(PDF) 11 Page - Motorola, Inc

部品番号 MC13027P
部品情報  AMAX STEREO CHIPSET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13027P データシート(HTML) 11 Page - Motorola, Inc

Back Button MC13027P Datasheet HTML 7Page - Motorola, Inc MC13027P Datasheet HTML 8Page - Motorola, Inc MC13027P Datasheet HTML 9Page - Motorola, Inc MC13027P Datasheet HTML 10Page - Motorola, Inc MC13027P Datasheet HTML 11Page - Motorola, Inc MC13027P Datasheet HTML 12Page - Motorola, Inc MC13027P Datasheet HTML 13Page - Motorola, Inc MC13027P Datasheet HTML 14Page - Motorola, Inc MC13027P Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MC13027 MC13122
11
MOTOROLA ANALOG IC DEVICE DATA
MC13027 PIN FUNCTION DESCRIPTION (continued)
Description
Pin
Internal Equivalent Circuit
Name
8
VCC
8
VCC
VCC
Supply Voltage
The normal operating voltage range is 6.0 to 10 V.
9
VCLO
9
VCC
VCLO
4.0 V
1.5 k
Voltage Control Local Oscillator
The oscillator is a cross coupled negative
resistance type and this pin must be connected
through a low dc resistance to Pin 4, the 4.0 V
regulator. Normally, this would be the secondary of
the oscillator coil.
The impedance of the secondary winding should
be around 2.8 k
Ω to guarantee that the oscillator
will run. It operates at 4 times the LO frequency:
fosc = 4(Fin+FIF).
10
LO Out
10
VCC
390
LO Out
Local Oscillator Output
This is an emitter follower for LO output to drive a
synthesizer. It is a square wave output, the internal
series resistance and allows a small bypass to
reduce high frequency harmonics.
12
RF Blank
12
100 k
RF Blk
RF Blanker
An unbiased NPN acts as a SHUNT impedance
when turned on. The 100 k resistor provides a dc
path for the capacitor.
13
Gnd2
13
Gnd
IF Ground
Pin 13 is the ground for the IF section and the
timing and switching circuits in the blanker.
In the application circuit this should be common to
the MC13122 ground.
14
IF In
16
VCC
4.0 V
220
IF Out
2.2 k
IF Input
A degenerated differential amplifier internally
biased to 4.0 V. The IF input impedance is
approximately 1.8 k to match a ceramic filter. The
IF amplifier is used as a buffer between the
ceramic filter and the detector coil and has a fixed
gain determined by the impedance of the output
coil.
16
IF Out
14
3.4 k
3.4 k
IF In
IF Output
An open collector provides high–impedance drive
to the MC13122; the IF gain is set by the ac
impedance on this pin.
15
RF Time
15
4.0 V
10 k
RF Blk Time
RF Blank Time
A resistor to ground sets the RF blanking time. The
time is set to the minimum required to attenuate
the pulse received. This is normally longest at the
low end of the band. The value is best approved by
ear. A fixed value can be chosen for production.
(50
µs is typical.)


同様の部品番号 - MC13027P

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022AP MOTOROLA-MC13022AP Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13028A MOTOROLA-MC13028A Datasheet
499Kb / 20P
   C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
More results

同様の説明 - MC13027P

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
   Chipset
logo
Intel Corporation
301467-005 INTEL-301467-005 Datasheet
3Mb / 426P
   Express Chipset
317610-001 INTEL-317610-001 Datasheet
2Mb / 342P
   Express Chipset
317607-001 INTEL-317607-001 Datasheet
2Mb / 351P
   Express Chipset
logo
Advantech Co., Ltd.
IDAQ-964 ADVANTECH-IDAQ-964 Datasheet
212Kb / 1P
   4-slot Industrial DAQ Chassis Module for AMAX-5000 Controllers
8-Feb-2022
logo
Macronix International
MX86251 MCNIX-MX86251 Datasheet
497Kb / 32P
   3D graphic chipset
logo
Cyrustek corporation
ES51920 CYRUSTEK-ES51920 Datasheet
444Kb / 11P
   LCR meter chipset
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
logo
Quantum Research Group
MSM6500 QUANTUM-MSM6500 Datasheet
366Kb / 8P
   MSM6500??CHIPSET SOLUTION
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com