データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13122DW データシート(PDF) 9 Page - Motorola, Inc

部品番号 MC13122DW
部品情報  AMAX STEREO CHIPSET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13122DW データシート(HTML) 9 Page - Motorola, Inc

Back Button MC13122DW Datasheet HTML 5Page - Motorola, Inc MC13122DW Datasheet HTML 6Page - Motorola, Inc MC13122DW Datasheet HTML 7Page - Motorola, Inc MC13122DW Datasheet HTML 8Page - Motorola, Inc MC13122DW Datasheet HTML 9Page - Motorola, Inc MC13122DW Datasheet HTML 10Page - Motorola, Inc MC13122DW Datasheet HTML 11Page - Motorola, Inc MC13122DW Datasheet HTML 12Page - Motorola, Inc MC13122DW Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MC13027 MC13122
9
MOTOROLA ANALOG IC DEVICE DATA
Detectors
In AM stereo operation, the Q detector delivers pilot signal
via an external low–pass filter to the pilot detector input (Pin
18). The E and I detectors drive the C–QUAM comparator.
The L–R signal and the output of the envelope detector are
combined in the matrix to produce the L and R signals. The
C–QUAM system modifies the in–phase and quadrature
components of the transmitted signal by the cosine of the
phase angle of the resultant carrier, for proper stereo
decoding. An uncompensated L–R would be distorted,
primarily by second harmonics. Where there is noise or
interference in the L–R, it has been subjectively determined
that reducing the cos
θ compensation at the expense of
increased distortion sounds better than full decoding. The
blend line operates over a small voltage range to eliminate
cosine compensation.
Signal Quality Detector – Blend Voltage Control
The signal quality detector output is dependent on signal
strength, over–modulation, and whether or not the blend pin
has been pulled low prior to searching. Over–modulation
usually occurs when a radio is tuned one channel away from
a desired strong signal, so this prevents stopping one
channel away from a strong signal.
In a radio tuned to a strong, interference free C–QUAM
station, the blend voltage will be approximately 3.6 V. In the
presence of noise or interference, when the modulation
envelope is at a minimum, it is possible for the I detector to
produce a negative, or below zero carrier signal. The Signal
Quality Detector produces an output each time the negative
I exceeds 4%. The output of the detector sets a latch. The
output of the latch turns on current source which pulls down
the voltage of the blend cap at a predetermined rate. The
latch is then reset by a low frequency signal from the pilot
detector logic. This produces about a 200 mV change each
time 4% negative I is detected. Tables 1 and 2 describe the
blend behavior under various conditions.
When the blend voltage reaches 2.2 V a blend control
circuit starts to reduce the amplitude of the L–R signal fed to
the decoder matrix. By 1.5 V the L–R has been reduced by
about 40 dB. At lower voltages it is entirely off and the
decoder output is monaural. This reduction of L–R signal, or
blend as it is commonly called when done in FM stereo
radios, reduces undesirable interference effects as a function
of the amount of interference present.
Stop–Sense
Stop–sense is enabled when the blend voltage is
externally pulled below 0.45 V. An input from the AGC
indicating minimum signal, or detection of 10% negative I will
cause the stop–sense pin to be pulled low. With signals
greater than the AGC corner and less than 10% interference
the stop–sense will be a minimum of 1.0 V below the 3.0 V
line. Very rapid scanning is possible because the radio can
scan to the next frequency as soon as the stop–sense goes
low. The maximum wait time, set by the radio, is only reached
on good stations.
The decoder will not lock on an adjacent channel because
it is out of the lock range of the PLL. The beat note produced
in the I detector by the out of lock condition will trigger the
10% negative I detector.
Sequence For Seek Scan
• Change Station – Pull–Down Blend
• Wait Approximately 50 ms for Synthesizer and Decoder
PLL to Lock
• Observe Pin 6 Voltage
• If it is Above 2.0 V and Stays Above 2.0 V for
Approximately 800 ms, Stay on the Station
• No IF Count Now Needed
• No AGC Level Detector Needed
Table 1. Normal Sequence When Changing Stations
External Pull–Down of
Blend Capacitor to Under
0.47 V
– Increased Current Supplied to
Loop Driver for Fast Lock
– Fast AGC Activated
– Extra Current Pull–Up Activated
on Blend Capacitor
– Pilot Detector Disabled
– Loop Locks
– Stop–Sense Activated
Blend Released
– Blend Capacitor Pulled Up to
0.7 V – Stops
– Fast Lock Current Removed
– Fast AGC Turned Off
– Pilot Detector Enabled
Pilot Detected
– Stereo Indicator Pin Pulled Low
– Blend Voltage Pulled Positive
Rapidly
Blend Voltage Reaches
1.4 V
– Audio Starts Into Stereo
– 10% Negative I Detector
Enabled
Blend Voltage Reaches
2.2 V
– Stereo Separator Reaches 20
to 25 dB
– Rapid Current Pull–Up Turned
Off
– 4% Negative I Detector Enabled
Blend Voltage Reaches
3.0 V
– cos
θ Enabled – Full C–QUAM
Decoding
– Blend Voltage Continues to Rise
to 3.6 V and Stops
Table 2. Operation In Adverse Conditions
4% Negative I Detected
– Blend Pulls Down
Approximately 200 mV for Each
Event – Acts Like One–Shot
– Stops at 2.2 V – cos
θ Has Been
Defeated, Almost Full Stereo
Remains
10% Negative I Detected
– Blend Pulls Down 200 mV for
Each Event
– Stops at 1.4 V – Stereo Has
Blended to Mono
– Resets Fast Pull–Up if Blend
Has Not Been Above 2.2 V
50% Negative I Detected
(Out of Lock)
– Blend Pulls Down Fast During
Event
– Stops at 0.47 V
– Resets Fast Pull–Up
– Pilot Indicator Turned Off
Minimum Signal Level
Detected
– Resets Fast Pull–Up
– Pulls Down to 0.7 V


同様の部品番号 - MC13122DW

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC1312P MOTOROLA-MC1312P Datasheet
387Kb / 12P
   CBS SQ LOGIC DECODER SYSTEM
More results

同様の説明 - MC13122DW

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AMD-750 AMD-AMD-750 Datasheet
322Kb / 12P
   Chipset
logo
Intel Corporation
301467-005 INTEL-301467-005 Datasheet
3Mb / 426P
   Express Chipset
317610-001 INTEL-317610-001 Datasheet
2Mb / 342P
   Express Chipset
317607-001 INTEL-317607-001 Datasheet
2Mb / 351P
   Express Chipset
logo
Advantech Co., Ltd.
IDAQ-964 ADVANTECH-IDAQ-964 Datasheet
212Kb / 1P
   4-slot Industrial DAQ Chassis Module for AMAX-5000 Controllers
8-Feb-2022
logo
Macronix International
MX86251 MCNIX-MX86251 Datasheet
497Kb / 32P
   3D graphic chipset
logo
Cyrustek corporation
ES51920 CYRUSTEK-ES51920 Datasheet
444Kb / 11P
   LCR meter chipset
logo
List of Unclassifed Man...
CS1100 ETC-CS1100 Datasheet
169Kb / 2P
   Powerline Networking Chipset
logo
Quantum Research Group
MSM6500 QUANTUM-MSM6500 Datasheet
366Kb / 8P
   MSM6500??CHIPSET SOLUTION
logo
Axiomtek Co., Ltd.
SBC84710 AXIOMTEK-SBC84710 Datasheet
271Kb / 1P
   VIA CX700M chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com