データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1550-1.40000 データシート(PDF) 4 Page - Agilent(Hewlett-Packard)

部品番号 HLMP-1550-1.40000
部品情報  Low Profile T-1 (3 mm) LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1550-1.40000 データシート(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-1550-1.40000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1550-1.40000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1550-1.40000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1550-1.40000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1550-1.40000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1550-1.40000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1550-1.40000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1550-1.40000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-1550-1.40000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
High Efficiency Red HLMP-1350
Figure 2. Forward Current vs.
Forward Voltage Characteristics.
Figure 3. Relative Luminous Intensity
vs. DC Forward Current.
Figure 4. Relative Efficiency
(Luminous Intensity per Unit
Current) vs. Peak LED Current.
Figure 5. Maximum Tolerable Peak
Current vs. Pulse Duration. (IDC MAX
as per MAX Ratings)
Figure 6. Relative Luminous Intensity vs. Angular Displacement.
WAVELENGTH – nm
500
550
600
650
700
750
1.0
0.5
0
HIGH
PERFORMANCE
GREEN
HIGH EFFICIENCY RED
YELLOW
TA = 25 °C
Figure 1. Relative Intensity vs. Wavelength.


同様の部品番号 - HLMP-1550-1.40000

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1550-L0000 AVAGO-HLMP-1550-L0000 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1550-L0001 AVAGO-HLMP-1550-L0001 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1550-L0002 AVAGO-HLMP-1550-L0002 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1550-L00A1 AVAGO-HLMP-1550-L00A1 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-1550-L00A2 AVAGO-HLMP-1550-L00A2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results

同様の説明 - HLMP-1550-1.40000

メーカー部品番号データシート部品情報
logo
Chicago Miniature Lamp,...
CMD50152 CML-CMD50152 Datasheet
64Kb / 1P
   T-1 3/4 Low Profile LED Lamps
logo
Marktech Corporate
MT430-HR MARKTECH-MT430-HR Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com