データシートサーチシステム |
|
HLMP-1450-1.30001 データシート(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HLMP-1450-1.30001 データシート(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 11 page 2 Absolute Maximum Ratings Parameter HER Yellow Green Units Peak Forward Current 90 60 90 mA Average Forward Current 25 20 25 mA DC Current 30 20 30 mA Reverse Voltage 5 5 5 V Transient Forward Current (10 µsec Pulse) 500 500 500 µA LED Junction Temperature 110 110 110 °C Operating Temperature Range -55 to +100 -55 to +100 -20 to +100 °C Storage Temperature Range -55 to +100 Lead Soldering Temperature 260 °C for [1.6 mm (0.063 in.) from body] 5 Seconds Notes: 1. See Figure 5 (HER/Orange), 10 (Yellow), or 15 (Green/Emerald Green) to establish pulsed operating conditions. 2. For Red, Orange, and Green series derate linearly from 50 °C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/ °C. 3. For Red, Orange, and Green series derate power linearly from 25 °C at 1.8 mW/°C. For Yellow series derate power linearly from 50 °C at 1.6 mW/°C. 4. The transient peak current is the maximum nonrecurring peak current that can be applied to the device without damaging the LED die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the Absolute Maximum Ratings. Part Numbering System HLMP - x x xx - x x x xx Mechanical Option 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads Color Bin Options 0: Full Color Bin Distribution Maximum Iv Bin Options 0: Open (no max. limit) Others: Please refer to the Iv Bin Table Minimum Iv Bin Options Please refer to the Iv Bin Table Viewing Angle 50: 55 degrees Color Options 3: GaP HER 4: GaP Yellow 5: GaP Green Package Options 1: T-1 (3 mm) |
同様の部品番号 - HLMP-1450-1.30001 |
|
同様の説明 - HLMP-1450-1.30001 |