データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM16207H データシート(PDF) 7 Page - OPTREX CORPORATION

部品番号 DM16207H
部品情報  LCD Module Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTREX [OPTREX CORPORATION]
ホームページ  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DM16207H データシート(HTML) 7 Page - OPTREX CORPORATION

Back Button DM16207H Datasheet HTML 3Page - OPTREX CORPORATION DM16207H Datasheet HTML 4Page - OPTREX CORPORATION DM16207H Datasheet HTML 5Page - OPTREX CORPORATION DM16207H Datasheet HTML 6Page - OPTREX CORPORATION DM16207H Datasheet HTML 7Page - OPTREX CORPORATION DM16207H Datasheet HTML 8Page - OPTREX CORPORATION DM16207H Datasheet HTML 9Page - OPTREX CORPORATION DM16207H Datasheet HTML 10Page - OPTREX CORPORATION DM16207H Datasheet HTML 11Page - OPTREX CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DMC16207H*
(CN)
No.2000-0090
OPTREX CORPORATION
Page 7/15
OPTREX
4.I/O Terminal
4.1.Pin Assignment
No.
Symbol
Level
Function
1
VSS
Power Supply (0V, GND)
2
VCC
Power Supply for Logic
3
VEE
Power Supply for LCD Drive
4
RS
H / L
Register Select Signal
5
R/W
H / L
Read/Write Select Signal
H : Read
L : Write
6
E
H / L
Enable Signal (No pull-up Resister)
7
DB0
H / L
Data Bus Line / Non-connection at 4-bit operation
8
DB1
H / L
Data Bus Line / Non-connection at 4-bit operation
9
DB2
H / L
Data Bus Line / Non-connection at 4-bit operation
10
DB3
H / L
Data Bus Line / Non-connection at 4-bit operation
11
DB4
H / L
Data Bus Line
12
DB5
H / L
Data Bus Line
13
DB6
H / L
Data Bus Line
14
DB7
H / L
Data Bus Line
4.2.Example of Power Supply
It is recommended to apply a potentiometer for the contrast adjust due to the tolerance
of the driving voltage and its temperature dependence.
MODULE
VCC
VEE
VSS
VEE (-Voltage)
VCC (+Voltage)
VR=10~20KΩ
VSS (0V)
VR


同様の部品番号 - DM16207H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
DM1620 SANYO-DM1620 Datasheet
144Kb / 7P
   16 characters x 2 line Liquid Crystal Dot Matrix Display Module
More results

同様の説明 - DM16207H

メーカー部品番号データシート部品情報
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com