データシートサーチシステム |
|
AD526 データシート(PDF) 5 Page - Analog Devices |
|
AD526 データシート(HTML) 5 Page - Analog Devices |
5 / 24 page AD8222 Rev. 0 | Page 5 of 24 VS = ±15 V, VREF = 0 V, TA = 25°C, RL = 2 kΩ, unless otherwise noted. Table 3. Single-Ended Output Configuration—Dynamic Performance (Both Amplifiers) A Grade B Grade Parameter Conditions Min Typ Max Min Typ Max Unit DYNAMIC RESPONSE Small Signal −3 dB Bandwidth G = 1 1200 1200 kHz G = 10 750 750 kHz G = 100 140 140 kHz G =1000 15 15 kHz Settling Time 0.01% 10 V step G = 1 to 100 10 10 μs G = 1000 80 80 μs Settling Time 0.001% 10 V step G = 1 to 100 13 13 μs G = 1000 110 110 μs Slew Rate G = 1 1.5 2 1.5 2 V/μs G = 5 to 1000 2 2.5 2 2.5 V/μs Table 4. Differential Output Configuration1—Dynamic Performance A Grade B Grade Parameter Conditions Min Typ Max Min Typ Max Unit DYNAMIC RESPONSE Small Signal −3 dB Bandwidth G = 1 1000 1000 kHz G = 10 650 650 kHz G = 100 140 140 kHz G =1000 15 15 kHz Settling Time 0.01% 10 V step G = 1 to 100 15 15 μs G = 1000 80 80 μs Settling Time 0.001% 10 V step G = 1 to 100 18 18 μs G = 1000 110 110 μs Slew Rate G = 1 1.5 2 1.5 2 V/μs G = 5 to 1000 2 2.5 2 2.5 V/μs 1 Refers to differential configuration shown in Figure 49. |
同様の部品番号 - AD526 |
|
同様の説明 - AD526 |