データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20L08 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 FM20L08
部品情報  1Mbit Bytewide FRAM Memory - Extended Temp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

FM20L08 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  FM20L08 Datasheet HTML 1Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 2Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 3Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 4Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FM20L08 - Extended Temp.
Rev. 1.4
Oct. 2005
Page 5 of 14
Supply Voltage Monitor
An internal voltage monitor circuit continuously
checks the VDD supply voltage. When VDD is below
the specified threshold VTP, the monitor asserts the
/LVL signal to an active-low state. The FM20L08
locks out access to the memory when VDD is below
the trip voltage. This prevents the system from
accessing memory when VDD is too low and
inadvertently corrupting the data. The /LVL signal
should not be used as a system reset signal because
the system host may attempt to write data to the
FM20L08 below its specified operating voltage. The
/LVL pin may be used as a status indicator that the
memory is locked out.
On power up, the /LVL signal will begin in a low
state signifying that VDD is below the VTP threshold. It
will remain low as long as VDD is below that level.
Once VDD rises above VTP, a hold-off timer will begin
creating the delay tPULV. Once this delay has elapsed,
the /LVL signal will go high or inactive. At this time
the memory can be accessed. The memory is ready
for access prior to tPU as shown in the Electrical
Specifications section. The /LVL signal will remain
high until VDD drops below the threshold.
Software Write Protection
The 128Kx8 address space is divided into 8 sectors
(blocks) of 16Kx8 each. Each sector can be
individually software write-protected and the settings
are nonvolatile. A unique address and command
sequence invokes the write protection mode.
To modify write protection, the system host must
issue six read commands and two write commands.
The specific sequence of read addresses must be
provided in order to access to the write protect mode.
Following the read address sequence, the host must
write a data byte that specifies the desired protection
state of each sector. For confirmation, the system
must then write the complement of the protection byte
immediately following the protection byte. Any error
that occurs including read addresses in the wrong
order, issuing a seventh read address, or failing to
complement the protection value will leave the write
protection unchanged.
The
write-protect
state
machine
monitors
all
addresses, taking no action until the write-protect
read/write sequence occurs. During the address
sequence, each read will occur as a valid operation
and data from the corresponding addresses will be
driven onto the data bus. Any address that occurs out
of sequence will cause the software protection state
machine to start over. After the address sequence is
completed, the next operation must be a write cycle.
The data byte contains the write-protect settings. This
value will not be written to the memory array, so the
write address is ignored. Rather the byte will be held
pending the next cycle, which must be a write of the
data complement to the protection settings. If the
complement is correct, the write protect settings will
be updated. If not, the process is aborted and the
address sequence starts over. The data value written
after the correct six addresses will not be entered into
memory.
The protection data byte consists of 8-bits, each
associated with the write protect state of a sector.
Setting a bit to 1 write protects the corresponding
sector; a 0 enables writes for that sector. The
following table shows the write-protect sectors with
the corresponding bit that controls the write-protect
setting.
Write Protect Sectors – 16K x8 blocks
Sector 7
1FFFFh – 1C000h
Sector 6
1BFFFh – 18000h
Sector 5
17FFFh – 14000h
Sector 4
13FFFh – 10000h
Sector 3
0FFFFh – 0C000h
Sector 2
0BFFFh – 08000h
Sector 1
07FFFh – 04000h
Sector 0
03FFFh – 00000h
The write-protect address sequence follows:
1.
05555h *
2.
1AAAAh
3.
03333h
4.
1CCCCh
5.
100FFh
6.
0FF00h
7.
1AAAAh
8.
1CCCCh
9.
0FF00h
10.
00000h
* If /CE is low entering the sequence, then an
address of 00000h must precede 05555h.
The address sequence provides a very secure way of
modifying
the
protection.
The
correct
address
sequence has a 1 in 5 x 10
30 chance of occurring
accidentally. A flow chart of the entire write protect
operation is shown in Figure 2. As mentioned above,
write-protect settings are nonvolatile. The factory
default is unprotected.


同様の部品番号 - FM20L08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
More results

同様の説明 - FM20L08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com