データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20L08 データシート(PDF) 9 Page - List of Unclassifed Manufacturers

部品番号 FM20L08
部品情報  1Mbit Bytewide FRAM Memory - Extended Temp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

FM20L08 データシート(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FM20L08 Datasheet HTML 5Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 6Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 7Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 8Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 9Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 10Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 11Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 12Page - List of Unclassifed Manufacturers FM20L08 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FM20L08 - Extended Temp.
Rev. 1.4
Oct. 2005
Page 9 of 14
Read Cycle AC Parameters (TA = -25
° C to +85° C, C
L = 30 pF, VDD = 3.3V +10%, -5% unless otherwise specified)
-60
Symbol
Parameter
Min
Max
Units
Notes
tRC
Read Cycle Time
350
-
ns
tCE
Chip Enable Access Time
-
60
ns
tAA
Address Access Time
-
350
ns
tOH
Output Hold Time
50
-
ns
tAAP
Page Mode Address Access Time
-
25
ns
tOHP
Page Mode Output Hold Time
5
-
ns
tCA
Chip Enable Active Time
60
-
ns
tPC
Precharge Time
290
-
ns
tAS
Address Setup Time (to /CE low)
5
-
ns
tAH
Address Hold Time (/CE-controlled)
60
-
ns
tOE
Output Enable Access Time
-
10
ns
tHZ
Chip Enable to Output High-Z
-
15
ns
1
tOHZ
Output Enable High to Output High-Z
-
15
ns
1
Write Cycle AC Parameters (TA = -25
° C to +85° C, V
DD = 3.3V +10%, -5% unless otherwise specified)
-60
Symbol
Parameter
Min
Max
Units
Notes
tWC
Write Cycle Time
350
-
ns
tCA
Chip Enable Active Time
60
-
ns
tCW
Chip Enable to Write Enable High
60
-
ns
tPC
Precharge Time
290
-
ns
tPWC
Page Mode Write Enable Cycle Time
30
-
ns
tWP
Write Enable Pulse Width
15
-
ns
tAS
Address Setup Time (to /CE low)
5
-
ns
tAH
Address Hold Time (/CE-controlled)
60
-
ns
tASP
Page Mode Address Setup Time (to /WE low)
5
-
ns
tAHP
Page Mode Address Hold Time (to /WE low)
15
-
ns
tWLC
Write Enable Low to /CE High
25
-
ns
tWLA
Write Enable Low to A(16:3) Change
25
-
ns
tAWH
A(16:3) Change to Write Enable High
350
-
ns
tDS
Data Input Setup Time
20
-
ns
tDH
Data Input Hold Time
0
-
ns
tWZ
Write Enable Low to Output High Z
-
15
ns
1
tWX
Write Enable High to Output Driven
5
-
ns
1
tWS
Write Enable to /CE Low Setup Time
0
-
ns
2
tWH
Write Enable to /CE High Hold Time
0
-
ns
2
Notes
1
This parameter is characterized but not 100% tested.
2
The relationship between /CE and /WE determines if a /CE- or /WE-controlled write occurs.
Power Cycle Timing (TA = -25
° C to +85° C, V
DD = 3.3V +10%, -5% unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPULV
Power Up to /LVL Inactive Time (VTP to /LVL high)
0
50
µs
tPDLV
Power Down to /LVL Active Time (VTP to /LVL low)
0
15
µs
tPU
Power Up (/LVL high) to First Access Time
0
-
µs
tPD
Last Access (/CE high) to Power Down (VDD min)
0
-
µs
tVR
VDD Rise Time
50
-
µs/V
1, 2
tVF
VDD Fall Time
100
-
µs/V
1, 2
Notes
1
Slope measured at any point on VDD waveform.


同様の部品番号 - FM20L08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
More results

同様の説明 - FM20L08

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com