データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20L08-60-TG データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 FM20L08-60-TG
部品情報  1Mbit Bytewide FRAM Memory - Extended Temp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

FM20L08-60-TG データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  FM20L08-60-TG Datasheet HTML 1Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 2Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 3Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 4Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 5Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 6Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 7Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 8Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FM20L08 - Extended Temp.
Rev. 1.4
Oct. 2005
Page 4 of 14
Overview
The FM20L08 is a bytewide FRAM memory
logically organized as 131,072 x 8 and is accessed
using an industry standard parallel interface. All data
written to the part is immediately nonvolatile with no
delay. The device offers page mode operation which
provides higher speed access to addresses within a
page (row). An access to a different page requires that
either /CE transitions low or the upper address
A(16:3) changes.
Memory Operation
Users access 131,072 memory locations with 8 data
bits each through a parallel interface. The FRAM
array is organized as 8 blocks each having 2048 rows.
Each row has 8 column locations, which allows fast
access in page mode operation. Once an initial
address has been latched by the falling edge of /CE,
subsequent
column locations
may be
accessed
without the need to toggle /CE.
When /CE is
deasserted high, a precharge operation begins. Writes
occur immediately at the end of the access with no
delay. The /WE pin must be toggled for each write
operation.
Read Operation
A read operation begins on the falling edge of /CE.
The falling edge of /CE causes the address to be
latched and starts a memory read cycle if /WE is high.
Data becomes available on the bus after the access
time has been satisfied. Once the address has been
latched and the access completed, a new access to a
random location (different row) may begin while /CE
is still low.
The minimum cycle time for random
addresses is tRC. Note that unlike SRAMs, the
FM20L08’s /CE-initiated access time is faster than
the address cycle time.
The FM20L08 will drive the data bus only when /OE
is asserted low and the memory access time has been
satisfied. If /OE is asserted prior to completion of the
memory access, the data bus will not be driven until
valid data is available. This feature minimizes supply
current in the system by eliminating transients caused
by invalid data being driven onto the bus. When /OE
is inactive, the data bus will remain hi-Z.
Write Operation
Writes occur in the FM20L08 in the same time
interval as reads. The FM20L08 supports both /CE-
and /WE-controlled write cycles. In both cases, the
address is latched on the falling edge of /CE.
In a /CE-controlled write, the /WE signal is asserted
prior to beginning the memory cycle. That is, /WE is
low when /CE falls. In this case, the device begins the
memory cycle as a write. The FM20L08 will not
drive the data bus regardless of the state of /OE as
long as /WE is low. Input data must be valid when
/CE is deasserted high. In a /WE-controlled write, the
memory cycle begins on the falling edge of /CE. The
/WE signal falls some time later. Therefore, the
memory cycle begins as a read. The data bus will be
driven if /OE is low, however it will hi-Z once /WE is
asserted low. The /CE- and /WE-controlled write
timing cases are shown on page 11.
In the Write
Cycle Timing 2 diagram, the data bus is shown as a
hi-Z condition while the chip is write-enabled and
before the required setup time.
Although this is
drawn to look like a mid-level voltage, it is
recommended that all DQ pins comply with the
minimum VIH/VIL operating levels.
Write access to the array begins on the falling edge of
/WE after the memory cycle is initiated. The write
access terminates on the rising edge of /WE or /CE,
whichever comes first. A valid write operation
requires the user to meet the access time specification
prior to deasserting /WE or /CE. Data setup time
indicates the interval during which data cannot
change prior to the end of the write access (/WE or
/CE high).
Unlike other truly nonvolatile memory technologies,
there is no write delay with FRAM. Since the read
and write access times of the underlying memory are
the same, the user experiences no delay through the
bus. The entire memory operation occurs in a single
bus cycle. Data polling, a technique used with
EEPROMs to determine if a write is complete, is
unnecessary.
Page Mode Operation
The FM20L08 provides the user fast access to any
data within a row element.
Each row has eight
column locations. An access can start anywhere
within a row and other column locations may be
accessed without the need to toggle the /CE pin. For
page mode reads, once the first data byte is driven
onto the bus, the column address inputs A(2:0) may
be changed to a new value. A new data byte is then
driven to the DQ pins. For page mode writes, the
first write pulse defines the first write access. While
/CE is low, a subsequent write pulse along with a new
column address provides a page mode write access.
Precharge Operation
The precharge operation is an internal condition in
which the state of the memory is prepared for a new
access. Precharge is user-initiated by driving the /CE
signal high. It must remain high for at least the
minimum precharge time tPC.


同様の部品番号 - FM20L08-60-TG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
More results

同様の説明 - FM20L08-60-TG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com