データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20L08-60-TG データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 FM20L08-60-TG
部品情報  1Mbit Bytewide FRAM Memory - Extended Temp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

FM20L08-60-TG データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FM20L08-60-TG Datasheet HTML 4Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 5Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 6Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 7Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 8Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 9Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 10Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 11Page - List of Unclassifed Manufacturers FM20L08-60-TG Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
FM20L08 - Extended Temp.
Rev. 1.4
Oct. 2005
Page 8 of 14
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +5.0V and
VIN < VDD+1V
TSTG
Storage Temperature
-55
°C to +125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a
stress rating only, and the functional operation of the device at these or any other conditions above those listed in the
operational section of this specification is not implied. Exposure to absolute maximum ratings conditions for
extended periods may affect device reliability.
DC Operating Conditions (TA = -25° C to +85° C, VDD = 3.3V +10%, -5% unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
3.135
3.3
3.63
V
IDD
VDD Supply Current
-
22
mA
1
ISB
Standby Current – CMOS
-
20
µA
2
VTP
VDD trip point to assert (deassert) /LVL
2.7
-
3.0
V
3
ILI
Input Leakage Current
±1
µA
4
ILO
Output Leakage Current
±1
µA
4
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.6
V
VOH
Output High Voltage (IOH = -1.0 mA)
2.4
-
V
VOL
Output Low Voltage (IOL = 2.1 mA)
-
0.4
V
5
Notes
1.
VDD = 3.6V, /CE cycling at minimum cycle time. All inputs at CMOS levels (0.2V or VDD-0.2V), all DQ pins unloaded.
2.
VDD = 3.6V, /CE at VDD, All other pins at CMOS levels (0.2V or VDD-0.2V).
3.
This is the VDD trip voltage at which /LVL is asserted or deasserted. When VDD rises above VTP, /LVL will be deasserted
after satisfying tPULV. When VDD drops below VTP, /LVL will be asserted after satisfying tPDLV.
4.
VIN, VOUT between VDD and VSS.
5.
For the /LVL pin, the test condition is IOL = 80 µA when VDD is between 3.135V and 1.2V. The state of the /LVL pin is not
guaranteed when VDD is below 1.2V.


同様の部品番号 - FM20L08-60-TG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
More results

同様の説明 - FM20L08-60-TG

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM20L08 RAMTRON-FM20L08_07 Datasheet
152Kb / 14P
   1Mbit Bytewide FRAM Memory - Industrial Temp.
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
logo
List of Unclassifed Man...
FM1808 ETC-FM1808 Datasheet
89Kb / 12P
   256Kb Bytewide FRAM Memory
logo
Ramtron International C...
FM18L08 RAMTRON-FM18L08_07 Datasheet
126Kb / 13P
   256Kb Bytewide FRAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
List of Unclassifed Man...
FM18L08 ETC-FM18L08 Datasheet
80Kb / 11P
   256Kb 2.7-3.6V Bytewide FRAM Memory
logo
Ramtron International C...
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com