データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM24C04A-S データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 FM24C04A-S
部品情報  4Kb FRAM Serial Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

FM24C04A-S データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FM24C04A-S Datasheet HTML 4Page - List of Unclassifed Manufacturers FM24C04A-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM24C04A-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM24C04A-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM24C04A-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM24C04A-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM24C04A-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM24C04A-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM24C04A-S Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FM24C04A
Rev. 2.0
July 2003
8 of 12
Applications
The versatility of FRAM technology fits into many
diverse applications. Clearly the strength of higher
write endurance and faster writes make FRAM
superior
to
EEPROM
in
all
but
one-time
programmable applications. The advantage is most
obvious in data collection environments where writes
are frequent and data must be nonvolatile.
The attributes of fast writes and high write endurance
combine in many innovative ways. A short list of
ideas is provided here.
1.
Data collection. In applications where data is
collected and saved, FRAM provides a superior
alternative to other solutions. It is more cost effective
than battery backup for SRAM and provides better
write attributes than EEPROM.
2.
Configuration. Any nonvolatile memory can
retain a configuration. However if the configuration
changes and power failure is a possibility, the higher
write endurance of FRAM allows changes to be
recorded without restriction. Any time the system
state is altered, the change can be written. This avoids
writing to memory on power down when the available
time is short and power scarce.
3.
High noise environments. Writing to EEPROM
in a noisy environment can be challenging. When
severe noise or power fluctuations are present, the
long write time of EEPROM creates a window of
vulnerability during which the write can be corrupted.
The fast write of FRAM is completed within a
microsecond. This time is typically too short for noise
or power fluctuation to disturb it.
4.
Time to market. In a complex system, multiple
software routines may need to access the nonvolatile
memory.
In
this
environment
the
time
delay
associated with programming EEPROM adds undue
complexity to the software development. Each
software routine must wait for complete programming
before allowing access to the next routine. When time
to market is critical, FRAM can eliminate this simple
obstacle. As soon as a write is issued to the
FM24C04A, it is effectively done -- no waiting.
5.
RF/ID. In the area of contactless memory, FRAM
provides an ideal solution. Since RF/ID memory is
powered by an RF field, the long programming time
and high current consumption needed to write
EEPROM is unattractive. FRAM provides a superior
solution. The FM24C04A is suitable for multi-chip
RF/ID products.
6.
Maintenance tracking. In sophisticated systems,
the operating history and system state during a failure
is
important
knowledge.
Maintenance
can
be
expedited when this information has been recorded.
Due to the high write endurance, FRAM makes an
ideal system log. In addition, the convenient 2-wire
interface of the FM24C04A allows memory to be
distributed throughout the system using minimal
additional resources.


同様の部品番号 - FM24C04A-S

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM24C04A-S RAMTRON-FM24C04A-S Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
More results

同様の説明 - FM24C04A-S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com