データシートサーチシステム |
|
E101J1AK32 データシート(PDF) 4 Page - ITT Industries |
|
E101J1AK32 データシート(HTML) 4 Page - ITT Industries |
4 / 14 page H–29 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K E Series Sealed Miniature Rocker and Lever Handle Switches ACTUATOR–REAR MOUNT PANEL MOUNTING Actuator finish: Matte, frame finish: gloss. Other colors, custom actuator markings and legends available, consult Customer Service Center. NOTE: Internal o-ring actuator seal standard. Actuators & frames available separately, see page H-37. Hardware available seperately, see Technical Data section of this catalog. N. J11 & J21 actuators available with C, Z & Z3 ter- minations. 2 BLACK FRAME COLOR OPTION CODE ACTUATOR–PC MOUNT Finish: Matte. Other colors, custom actuator markings and legends available, consult Customer Service Center. NOTE: Hardware: two each—mounting screws, nuts, lockwashers and standoffs for 1/8 inch thick panel are supplied standard on switches with panel mounting bracket. Internal o-ring actuator seal standard. Actuators available separately, see page H-37. Hardware available seperately, see Technical Data sec- tion of this catalog. J1, J2 actuators available with A, A3, AV2, AV3, V2-V61 terminations. ACTUATOR COLOR ACTUATOR FRAME COLOR ACTUATOR ACTUATOR COLOR J11 ROCKER WITH FRAME J21 LEVER WITH FRAME J1 ROCKER J2 LEVER NOTE: This option has reduced anti-static capability. NOTE: This option has reduced anti-static capability. H 2 BLACK 3 RED ACTUATOR COLOR OPTION CODE 2 BLACK 3 RED ACTUATOR COLOR OPTION CODE |
同様の部品番号 - E101J1AK32 |
|
同様の説明 - E101J1AK32 |