データシートサーチシステム |
|
TS02WSE データシート(PDF) 1 Page - ITT Industries |
|
TS02WSE データシート(HTML) 1 Page - ITT Industries |
1 / 3 page J–7 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com J C&K TS Series Tiny Slide Switches Features/Benefits • Reliable contact design ensures long electrical life • Ratings up to 3 AMPS • Epoxy terminal-seal compatible with bottom wash cleaning • RoHS compliant Typical Applications • Test & measurement equipment • Computers & peripherals • Telecommunications & networking equipment Specifications CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or DC max. Q contact material (TS01 Model): 3 AMPS @ 120 V AC or 28 V DC; (TS02, TS03 Models): 1 AMP @ 120 V AC or 28 V DC. See page I-10 for additional ratings. ELECTRICAL LIFE: TS01 MODELS: 60,000 make-and-break cycles at full load. TS02, TS03 MODELS: 30,000 cycles. CONTACT RESISTANCE: Below 20 m Ω typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 Ω min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: –30ºC to 85ºC SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). Materials CASE: Glass filled nylon 6/6, flame retardant, heat stabilized, or diallyl phthalate (DAP) (UL 94V-0). ACTUATOR: Nylon, black standard. HOUSING: Stainless steel or stainless steel, nickel plated. END CONTACTS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Coin silver, silver plated. See page I-10 for additional contact materials. CENTER CONTACT & ALL TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See page J-9 for additional contact materials. TERMINAL SEAL: Epoxy. Refer to Soldering and Cleaning in Technical Data chapter. NOTE: Any models supplied with Q, B, G, P, S or R contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages J–8 and J–9. For additional options not shown in catalog, consult Customer Service Center. All models have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods. Switch Function TS01 SPDT On-None-On TS02 SPST Off-None-On TS03 SPDT On-Off-On Contact Material B Gold Q Silver K Gold, tin-lead M Silver, tin-lead G Gold over silver L Gold over silver, tin-lead P Gold, matte-tin S Silver, matte-tin R Gold over silver, matte-tin Seal E Epoxy F Epoxy seal and splashproof RTV latex rubber seal Terminations A Right angle, PC thru-hole (TS01 & TS03 models only) C PC Thru-hole W Wire wrap Models Available |
同様の部品番号 - TS02WSE |
|
同様の説明 - TS02WSE |