データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM-23HC データシート(PDF) 3 Page - Kingbright Corporation

部品番号 KM-23HC
部品情報  SOT-23 SURFACE MOUNT LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KINGBRIGHT [Kingbright Corporation]
ホームページ  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KM-23HC データシート(HTML) 3 Page - Kingbright Corporation

  KM-23HC Datasheet HTML 1Page - Kingbright Corporation KM-23HC Datasheet HTML 2Page - Kingbright Corporation KM-23HC Datasheet HTML 3Page - Kingbright Corporation KM-23HC Datasheet HTML 4Page - Kingbright Corporation KM-23HC Datasheet HTML 5Page - Kingbright Corporation KM-23HC Datasheet HTML 6Page - Kingbright Corporation KM-23HC Datasheet HTML 7Page - Kingbright Corporation KM-23HC Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1-KM-23-3
Parameter
Bright
Red
High
Efficiency
Red
Yellow
Super
Bright
Red
Super
Bright
Green
Super
Bright
Yellow
Units
Power dissipation
105
105
105
100
105
125
mW
DC Forward Current
25
30
30
30
25
30
mA
Peak Forward Current [1]
150
150
150
150
150
150
mA
Reverse Voltage
5
5
5
5
5
5
V
Operating/Storage Temperature
-40
To +85
Absolute Maximum Ratings at T A=25°C
Bright Red KM-23HD, KM23HT, KM-23HC
°C
°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width .


同様の部品番号 - KM-23HC

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
KM-23 KINGBRIGHT-KM-23 Datasheet
882Kb / 8P
   SURFACE MOUNT LED LAMPS
logo
HK TO-GRACE TECHNOLOGY ...
KM-23EC-F TO-GRACE-KM-23EC-F Datasheet
815Kb / 4P
   SOT-23 Surface Mount LED Lamp
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
Kingbright Corporation
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
   SURFACE MOUNT LED LAMP
KM-23ID-F KINGBRIGHT-KM-23ID-F Datasheet
78Kb / 4P
   SURFACE MOUNT LED LAMP (HIGH EFFICIENCY RED)
More results

同様の説明 - KM-23HC

メーカー部品番号データシート部品情報
logo
Gilway Technical Lamp
GHB-SOT23D-DR GILWAY-GHB-SOT23D-DR Datasheet
144Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZUY48WA SUNLED-ZUY48WA Datasheet
189Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
   SOT-23 Surface Mount LED Lamp
AM23SRD-F TO-GRACE-AM23SRD-F Datasheet
1Mb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23EC-F KINGBRIGHT-AM23EC-F Datasheet
280Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
AM23CGCK-F KINGBRIGHT-AM23CGCK-F Datasheet
286Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AM23SGC-F TO-GRACE-AM23SGC-F Datasheet
817Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
Gilway Technical Lamp
GHB-SOT23D-Y GILWAY-GHB-SOT23D-Y Datasheet
142Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com