データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1638-XXS23 データシート(PDF) 1 Page - Stanson Technology

部品番号 ST1638-XXS23
部品情報  Step-Up DC/DC Converter High Efficiency PFM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STANSON [Stanson Technology]
ホームページ  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1638-XXS23 データシート(HTML) 1 Page - Stanson Technology

  ST1638-XXS23 Datasheet HTML 1Page - Stanson Technology ST1638-XXS23 Datasheet HTML 2Page - Stanson Technology ST1638-XXS23 Datasheet HTML 3Page - Stanson Technology ST1638-XXS23 Datasheet HTML 4Page - Stanson Technology ST1638-XXS23 Datasheet HTML 5Page - Stanson Technology ST1638-XXS23 Datasheet HTML 6Page - Stanson Technology ST1638-XXS23 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Step-Up DC/DC Converter
ST1638
High Efficiency PFM
DESCRIPTION
The ST1638 is a high efficiency PFM step-up DC/DC converter for application using
battery powered devices. Only three external components are required to construct a low ripple,
high efficiency converter. ST1638 can start up from 0.9V input voltage with 1mA load.
The space saving SOT-89 and SOT-23 packages make ST1638 an ideal choice for spce
conscious applications.
PIN CONFIGURATION
SOT-23-3L
SOT-89
VOUT
GND
SW
PART MARKING
SOT-23-3L
SOP-89
Y:Year
A:Day Code
Page 1
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295
APPLICATIONS
Battery Powered Devices
Camera
PDA
Hand Held Communication Equipment
Camcoder
Power Source for Applications which
Require Higher Voltage than Batteries
can Provide
FEATURES
Larger than 85% Efficiency
Low Startup Voltage, 0.9V at 1mA
Low Ripple and Low Noise
Low Quiescent Current
Minimum Number of External
Components
SOT-89 and SOT-23 Small Package
GND
VOUT
SW
638YA
Y:Year
A:Day Code
S1638
YW


同様の部品番号 - ST1638-XXS23

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST16 STMICROELECTRONICS-ST16 Datasheet
146Kb / 21P
   CHIP SET INTERFACE SPECIFICATION
logo
RFE international
ST16-103 RFE-ST16-103 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-104 RFE-ST16-104 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-154 RFE-ST16-154 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
STMicroelectronics
ST16-19HDSE STMICROELECTRONICS-ST16-19HDSE Datasheet
168Kb / 3P
   Development Environment For ST16 and ST19 Smartcard MCU Families
More results

同様の説明 - ST1638-XXS23

メーカー部品番号データシート部品情報
logo
SHANGHAI BELLING CO., L...
BL8505 BELLING-BL8505 Datasheet
1Mb / 10P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
   High efficiency PFM step-up DC/DC converter
logo
Power IC Ltd.
PS0021 PICSEMI-PS0021 Datasheet
519Kb / 12P
   High Efficiency PFM Step-up DC/DC Converter
logo
ELM Electronics
ELM93 ELM-ELM93 Datasheet
1Mb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
   High efficiency PFM synchronous step-up DC/DC converter
logo
ELM Technology Corporat...
ELM9327AB-S ELM-TECH-ELM9327AB-S Datasheet
99Kb / 8P
   CMOS High efficiency PFM step-up DC/DC converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com