データシートサーチシステム |
|
AD1988B データシート(PDF) 11 Page - Analog Devices |
|
AD1988B データシート(HTML) 11 Page - Analog Devices |
11 / 20 page AD1988A/AD1988B Rev. 0 | Page 11 of 20 CLARIFICATION OF OUTPUT CONFIGURATIONS DAC, ADC, and port assignments are arbitrary; however, ports are optimized for certain configurations. Use the guidelines in Table 7, Table 8, and Table 9 when selecting ports for particular functions. Note the following for each of these tables: • HP is the output capable of driving headphone load and power • MIC is input that supports microphones with MIC Bias and boost amplifiers • LO is the line level output • LI is the line level input In desktop applications with discreet jacks (the default configuration), assign the ports as listed in Table 7. Table 7. Discreet Jacks (Default Configuration) Port Function HP MIC LO LI PORT-A Front Panel Headphone x x x x PORT-B Front Panel Microphone x x x x PORT-C Rear Panel Line-In x x x PORT-D Rear Panel Front/Headphone x x x x PORT-E Rear Panel Microphone x x x PORT-F Rear Panel Surround-Rear (5.1) x x x PORT-G Rear Panel C/LFE x x PORT-H Rear Panel Surround- Center/Side (7.1) x x MONO_OUT Internal Mono Speaker (use GPIO as EAPD) x In desktop applications with shared input/5.1 jacks, assign the ports as listed in Table 8. Table 8. Shared Input/5.1 Jacks Port Function HP MIC LO LI PORT-A Front Panel Headphone x x x x PORT-B Front Panel Microphone x x x x PORT-C Rear Panel Line- In/Surround-Rear (5.1) x x x PORT-D Rear Panel Front/Headphone x x x x PORT-E Rear Panel Microphone/C/LFE x x x MONO_OUT Internal Mono Speaker (use GPIO as EAPD) x In notebook applications, to support fully retasking jacks, assign the ports as listed in Table 9. Table 9. Port Function HP MIC LO LI PORT-A Headphone Jack x x x x PORT-B Microphone Jack x x x x PORT-D Line-In Jack x x x x PORT-C Internal Stereo Speakers (use GPIO as EAPD) x x x PORT-E/PORT-F Internal Quad Microphone Array (Optional) x x x |
同様の部品番号 - AD1988B |
|
同様の説明 - AD1988B |