データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7391BCPZ-REEL データシート(PDF) 1 Page - Analog Devices

部品番号 ADV7391BCPZ-REEL
部品情報  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7391BCPZ-REEL データシート(HTML) 1 Page - Analog Devices

  ADV7391BCPZ-REEL Datasheet HTML 1Page - Analog Devices ADV7391BCPZ-REEL Datasheet HTML 2Page - Analog Devices ADV7391BCPZ-REEL Datasheet HTML 3Page - Analog Devices ADV7391BCPZ-REEL Datasheet HTML 4Page - Analog Devices ADV7391BCPZ-REEL Datasheet HTML 5Page - Analog Devices ADV7391BCPZ-REEL Datasheet HTML 6Page - Analog Devices ADV7391BCPZ-REEL Datasheet HTML 7Page - Analog Devices ADV7391BCPZ-REEL Datasheet HTML 8Page - Analog Devices ADV7391BCPZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
Low Power, Chip Scale
10-Bit SD/HD Video Encoder
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
3 high quality, 10-bit video DACs
16× (216 MHz) DAC oversampling for SD
8× (216 MHz) DAC oversampling for ED
4× (297 MHz) DAC oversampling for HD
37 mA maximum DAC output current
Multiformat video input support
4:2:2 YCrCb (SD, ED, and HD)
4:4:4 RGB (SD)
Multiformat video output support
Composite (CVBS) and S-Video (Y/C)
Component YPrPb (SD, ED, and HD)
Component RGB (SD, ED, and HD)
Lead frame chip scale package (LFCSP) options
32-lead, 5 mm × 5 mm LFCSP
40-lead, 6 mm × 6 mm LFCSP
Advanced power management
Patented content-dependent low power DAC operation
Automatic cable detection and DAC power-down
Individual DAC on/off control
Sleep mode with minimal power consumption
74.25 MHz 8-/10-/16-bit high definition input support
Compliant with SMPTE 274M (1080i), 296M (720p),
and 240M (1035i)
EIA/CEA-861B compliance support
NTSC M, PAL B/D/G/H/I/M/N, PAL 60 support
NTSC and PAL square pixel operation (24.54 MHz/29.5 MHz)
Macrovision® Rev 7.1.L1 (SD) and Rev 1.2 (ED) compliant
Programmable features
Luma and chroma filter responses
Vertical blanking interval (VBI)
Subcarrier frequency (FSC) and phase
Luma delay
Copy generation management system (CGMS)
Closed captioning and wide screen signaling (WSS)
Integrated subcarrier locking to external video source
Complete on-chip video timing generator
On-chip test pattern generation
Serial MPU interface with dual I2C® and SPI® compatibility
2.7 V or 3.3 V analog operation
1.8 V digital operation
3.3 V I/O operation
Temperature range: −40°C to +85°C
APPLICATIONS
Mobile handsets
Digital still cameras
Portable media and DVD players
Portable game consoles
Digital camcorders
Set-top box (STB)
Automotive infotainment (ADV7393 only)
FUNCTIONAL BLOCK DIAGRAM
GND_IO
VDD_IO
P15 TO P0/
P7 TO P0
RESET
HSYNC
VSYNC
10-BIT
DAC 1
DAC 1
10-BIT
DAC 2
DAC 2
10-BIT
DAC 3
DAC 3
REFERENCE
AND CABLE
DETECT
16x/4x OVERSAMPLING PLL
VIDEO TIMING GENERATOR
POWER
MANAGEMENT
CONTROL
CLKIN PVDD PGND EXT_LF
COMP
RSET
PROGRAMMABLE
ED/HD FILTERS
SHARPNESS AND
ADAPTIVE FILTER
CONTROL
YCrCb
HDTV
TEST
PATTERN
GENERATOR
YCbCr
TO
RGB MATRIX
ASYNC
BYPASS
DGND (2)
VDD (2)
SCL/
MOSI
SDA/
SCLK
ALSB/
SPI_SS
SFL/
MISO
MPU PORT
SUBCARRIER FREQUENCY
LOCK (SFL)
YUV
TO
YCrCb/
RGB
PROGRAMMABLE
CHROMINANCE
FILTER
ADD
BURST
RGB/YCrCb
TO
YUV
MATRIX
4:2:2 TO 4:4:4
INPUT
DEINTERLEAVE
SIN/COS DDS
BLOCK
16×
FILTER
16×
FILTER
FILTER
AGND
VAA
ADD
SYNC
VBI DATA SERVICE
INSERTION
PROGRAMMABLE
LUMINANCE
FILTER
ADV739x
Figure 1.
Protected by U.S. Patent Numbers 5,343,196 and 5,442,355 and other intellectual property rights.
Protected by U.S. Patent Numbers 4,631,603, 4,577,216, 4,819,098, and other intellectual property rights.


同様の部品番号 - ADV7391BCPZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
More results

同様の説明 - ADV7391BCPZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
Asahi Kasei Microsystem...
AK8826VN AKM-AK8826VN Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
logo
M/A-COM Technology Solu...
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
   3G/HD/SD-SDI Low Power Quad Video Reclocker
logo
Analog Devices
ADV7179BCPZ AD-ADV7179BCPZ Datasheet
550Kb / 52P
   Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com