データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCP2821 データシート(PDF) 8 Page - ON Semiconductor

部品番号 NCP2821
部品情報  2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2821 データシート(HTML) 8 Page - ON Semiconductor

Back Button NCP2821 Datasheet HTML 4Page - ON Semiconductor NCP2821 Datasheet HTML 5Page - ON Semiconductor NCP2821 Datasheet HTML 6Page - ON Semiconductor NCP2821 Datasheet HTML 7Page - ON Semiconductor NCP2821 Datasheet HTML 8Page - ON Semiconductor NCP2821 Datasheet HTML 9Page - ON Semiconductor NCP2821 Datasheet HTML 10Page - ON Semiconductor NCP2821 Datasheet HTML 11Page - ON Semiconductor NCP2821 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NCP2821
http://onsemi.com
8
TYPICAL CHARACTERISTICS
0.1
1.0
10
0
0.1
0.2
0.3
0.4
Pout (W)
Vp = 2.5 V
RL = 4 W
f = 1 kHz
0.5
0.6
0.1
1.0
10
0
0.2
0.4
0.6
0.8
Pout (W)
Vp = 3 V
RL = 4 W
f = 1 kHz
10
0
0.5
1.0
Pout (W)
1.5
2.0
1.0
0.1
0.01
2.5
Vp = 5 V
RL = 4 W
f = 1 kHz
Figure 15. THD+N vs. Pout
Vp = 2.5 V, RL = 8 W, f = 1 kHz
Figure 16. THD+N vs. Pout
Vp = 5 V, RL = 4 W, f = 1 kHz
Figure 17. THD+N vs. Pout
Vp = 4.2 V, RL = 4 W, f = 1 kHz
Figure 18. THD+N vs. Pout
Vp = 3.6 V, RL = 4 W, f = 1 kHz
Figure 19. THD+N vs. Power Out
Vp = 3 V, RL = 4 W, f = 1 kHz
Figure 20. THD+N vs. Power Out
Vp = 2.5 V, RL = 4 W, f = 1 kHz
0.01
0.1
1.0
10
0
0.1
0.2
0.3
0.4
Pout (W)
Vp = 2.5 V
RL = 8 W
f = 1 kHz
0.01
0.1
1.0
10
0
0.5
1.0
1.5
2.0
Pout (W)
Vp = 4.2 V
RL = 4 W
f = 1 kHz
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.4
Pout (W)
Vp = 3.6 V
RL = 4 W
f = 1 kHz
0.2
0.6
1.0
1.0


同様の部品番号 - NCP2821

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820AFCT2G ONSEMI-NCP2820AFCT2G Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820D ONSEMI-NCP2820D Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1 ONSEMI-NCP2820FCT1 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1G ONSEMI-NCP2820FCT1G Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
More results

同様の説明 - NCP2821

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com