データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCP2821 データシート(PDF) 4 Page - ON Semiconductor

部品番号 NCP2821
部品情報  2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2821 データシート(HTML) 4 Page - ON Semiconductor

  NCP2821 Datasheet HTML 1Page - ON Semiconductor NCP2821 Datasheet HTML 2Page - ON Semiconductor NCP2821 Datasheet HTML 3Page - ON Semiconductor NCP2821 Datasheet HTML 4Page - ON Semiconductor NCP2821 Datasheet HTML 5Page - ON Semiconductor NCP2821 Datasheet HTML 6Page - ON Semiconductor NCP2821 Datasheet HTML 7Page - ON Semiconductor NCP2821 Datasheet HTML 8Page - ON Semiconductor NCP2821 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NCP2821
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25°C unless otherwise noted)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Operating Supply Voltage
VP
TA = −40°C to +85°C
2.5
5.5
V
Supply Quiescent Current
Idd
VP = 3.6 V, RL = 8.0 W
VP = 5.5 V, No Load
VP from 2.5 V to 5.5 V, No Load
TA = −40°C to +85°C
2.5
3.1
4.5
mA
Shutdown Current
Isd
Vp = 4.2 V, TA = +25°C
0.5
mA
Vp = 5.5 V, TA = +25°C
Vp = 2.5 V to 5.5 V
TA = −40°C to +85°C
0.8
1.4
mA
SD Voltage High
Vsdih
1.2
V
SD Voltage Low
Vsdil
0.4
V
GS Voltage High
Vgsih
1.2
V
GS Voltage Low
Vgsil
0.4
V
Differential Input Resistance
Rin
G = 6 dB
150
k
W
G = 12 dB
75
k
W
Switching Frequency
FSW
Vp = 2.5 V to 5.5 V
TA = −40°C to +85°C
200
250
300
kHz
Gain
G
RL = 8.0 W, VGS = High
5.5
6
6.5
dB
RL = 8.0 W, VGS = Low
11.5
12
12.5
dB
Resistance from SD to Gnd
RSD
200
300
k
W
Output Offset Voltage
Vos
TA = −40°C to +85°C
−25
2.5
+25
mV
Turn On Time
TON
Vp = 2.5 V to 5.5 V
9
ms
Turn Off Time
TOFF
Vp = 2.5 V to 5.5 V
5
ms
Thermal Shutdown Temperature
Tsd
160
°C
Output Noise Voltage
Vn
Vp = 3.6 V
F = 20Hz to 20kHz
No weighting filter
A weighting filter
63
40
mVrms
RMS Output Power
Po
RL = 8 W, f = 1 kHz, THD+N < 1%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.32
0.48
0.7
0.97
1.38
W
RL = 8 W, f = 1 kHz, THD+N < 10%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.4
0.59
0.87
1.19
1.7
W
RMS Output Power
Po
RL = 4 W, f = 1 kHz, THD+N < 1%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.49
0.72
1.06
1.62
2.12
W
RL = 4 W, f = 1 kHz, THD+N < 10%
Vp = 2.5 V
Vp = 3.0 V
Vp = 3.6 V
Vp = 4.2 V
Vp = 5.0 V
0.6
0.9
1.33
2.0
2.65
W


同様の部品番号 - NCP2821

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820AFCT2G ONSEMI-NCP2820AFCT2G Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820D ONSEMI-NCP2820D Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1 ONSEMI-NCP2820FCT1 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1G ONSEMI-NCP2820FCT1G Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
More results

同様の説明 - NCP2821

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com