データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5398BCPZ-REEL データシート(PDF) 8 Page - Analog Devices

部品番号 AD5398BCPZ-REEL
部品情報  120 mA, Current Sinking, 10-Bit, I2C DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5398BCPZ-REEL データシート(HTML) 8 Page - Analog Devices

Back Button AD5398BCPZ-REEL Datasheet HTML 4Page - Analog Devices AD5398BCPZ-REEL Datasheet HTML 5Page - Analog Devices AD5398BCPZ-REEL Datasheet HTML 6Page - Analog Devices AD5398BCPZ-REEL Datasheet HTML 7Page - Analog Devices AD5398BCPZ-REEL Datasheet HTML 8Page - Analog Devices AD5398BCPZ-REEL Datasheet HTML 9Page - Analog Devices AD5398BCPZ-REEL Datasheet HTML 10Page - Analog Devices AD5398BCPZ-REEL Datasheet HTML 11Page - Analog Devices AD5398BCPZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD5398
Rev. A | Page 8 of 16
2000
1800
1600
1400
1200
1000
800
600
400
200
0
10
100
1k
100k
10k
FREQUENCY
Figure 10. AC Power Supply Rejection (VDD = 3.6 V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
85
–40 –30 –20 –100
15
2535
455565
75
–1.0
TEMPERATURE (
°C)
POSITIVE INL (VDD = 3.6V)
POSITIVE INL (VDD = 4.5V)
POSITIVE INL (VDD = 3.8V)
NEGATIVE INL (VDD = 3.6V)
NEGATIVE INL (VDD = 4.5V)
NEGATIVE INL (VDD = 3.8V)
Figure 11. INL vs. Temperature vs. Supply
1.0
85
–40 –30 –20 –100
15
2535
455565
75
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
TEMPERATURE (
°C)
POSITIVE DNL (VDD = 3.6V)
POSITIVE DNL (VDD = 4.5V)
POSITIVE DNL (VDD = 3.8V)
NEGATIVE DNL (VDD = 3.6V)
NEGATIVE DNL (VDD = 4.5V)
NEGATIVE DNL (VDD = 3.8V)
Figure 12. DNL vs. Temperature vs. Supply
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.05
0.10
85
–40 –30 –20 –100
15
2535
455565
75
0
TEMPERATURE (
°C)
VDD = 3.6V
VDD = 3.8V
VDD = 4.5V
Figure 13. Zero Code Error vs. Supply Voltage vs. Temperature
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
85
–40 –30 –20 –100
15
2535
455565
75
–2.0
TEMPERATURE (
°C)
VDD = 3.6V
VDD = 3.8V
VDD = 4.5V
Figure 14. Full-Scale Error vs. Temperature vs. Supply


同様の部品番号 - AD5398BCPZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398A-WAFER AD-AD5398A-WAFER Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398ABCBZ-REEL AD-AD5398ABCBZ-REEL Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
More results

同様の説明 - AD5398BCPZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821 AD-AD5821 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
   102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com