データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM150X06-A4C3 データシート(PDF) 4 Page - LG Semicon Co.,Ltd.

部品番号 LM150X06-A4C3
部品情報  Liquid Crystal Display
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LG [LG Semicon Co.,Ltd.]
ホームページ  
Logo LG - LG Semicon Co.,Ltd.

LM150X06-A4C3 データシート(HTML) 4 Page - LG Semicon Co.,Ltd.

  LM150X06-A4C3 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM150X06-A4C3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Product Specification
LM150X06-A4C3
Liquid Crystal Display
Ver. 1.1
Feb. 12, 2003
4/27
1. General Description
The LM150X06-A4C3 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode
Fluorescent Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active
element. It is a transmissive type display operating in the normally white mode. This TFT-LCD has a 15.0
inches diagonally measured active display area with XGA resolution(768 vertical by 1024 horizontal pixel
array). Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical
stripes. Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for
each dot, thus, presenting a palette of more than 16M colors.
The LM150X06-A4C3 has been designed to apply the LVDS(8-bit,1-port) interface method.
The LM150X06-A4C3 LCD is intended to support applications where high brightness, wide viewing angle,
high color saturation, and high color depth are very important.
In combination with the vertical
arrangement of the sub-pixels, the LM150X06-A4C3 characteristics provide an excellent flat panel display
for office automation products such as monitors.
General Features
Display operating mode
Active screen size
Outline Dimension
Pixel Pitch
Pixel format
Color depth
Luminance, white
Power Consumption
Weight
Surface treatments
Transmissive mode, normally white
15.0 inches(304.128 x 228.096) diagonal
331.3(H) × 257.9(V) × 11.0(D) mm (Typ.)
0.297 mm x 0.297mm
1024 Horiz. by 768 Vert. Pixels RGB stripes arrangement
16M colors ( 6-bit with FRC )
250 cd/m2(Typ.)
9.2 Watt(Typ.)
1000 g (Typ.), 1050 g (Max.)
Hard coating(3H)
Anti-glare treatment of the front polarizer
Column Driver Circuit
TFT-LCD
(1024X768)
Timing
Control
Block
Power
Block
Backlight Ass’y
5 pairs
3.3V
CN.2
[ Figure 1 ] Block diagram


同様の部品番号 - LM150X06-A4C3

メーカー部品番号データシート部品情報
logo
LG Semicon Co.,Ltd.
LM150X05 LG-LM150X05 Datasheet
368Kb / 27P
   COLOR ACTIVE MATRIX LIQUID CRYSTAL DISPLAY
LM150X08 LG-LM150X08 Datasheet
587Kb / 28P
   Liquid Crystal Display
More results

同様の説明 - LM150X06-A4C3

メーカー部品番号データシート部品情報
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com