データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLF247B データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BLF247B
部品情報  VHF push-pull power MOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF247B データシート(HTML) 4 Page - NXP Semiconductors

  BLF247B Datasheet HTML 1Page - NXP Semiconductors BLF247B Datasheet HTML 2Page - NXP Semiconductors BLF247B Datasheet HTML 3Page - NXP Semiconductors BLF247B Datasheet HTML 4Page - NXP Semiconductors BLF247B Datasheet HTML 5Page - NXP Semiconductors BLF247B Datasheet HTML 6Page - NXP Semiconductors BLF247B Datasheet HTML 7Page - NXP Semiconductors BLF247B Datasheet HTML 8Page - NXP Semiconductors BLF247B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
August 1994
4
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF247B
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per transistor section
V(BR)DSS
drain-source breakdown
voltage
ID = 50 mA; VGS =0
65
−−
V
IDSS
drain-source leakage current
VGS = 0; VDS =28V
−−
2.5
mA
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0
−−
1
µA
VGSth
gate-source threshold voltage
ID = 50 mA; VDS =10V
2
4.5
V
gfs
forward transconductance
ID = 5 A; VGS =10V
3
4.2
S
RDSon
drain-source on-state
resistance
ID = 5 A; VGS =10V
0.2
0.3
IDSX
drain cut-off current
VGS = 10 V; VDS =10V
22
A
Cis
input capacitance
VGS = 0; VDS =28V; f=1MHz
225
pF
Cos
output capacitance
VGS = 0; VDS =28V; f=1MHz
180
pF
Crs
reverse transfer capacitance
VGS = 0; VDS =28V; f=1MHz
25
pF
Fig.4
Temperature coefficient of gate-source
voltage as a function of drain current,
typical values per section.
VDS =10V.
handbook, halfpage
1
5
4
3
10
2
MBD298
10
1
110
2
1
0
TC
(mV/K)
I
(A)
D
Fig.5
Drain current as a function of gate-source
voltage, typical values per section.
VDS =10V.
0
5
10
20
40
30
10
0
20
15
V
(V)
GS
(A)
D
I
MBD299


同様の部品番号 - BLF247B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BLF242 PHILIPS-BLF242 Datasheet
81Kb / 11P
   HF/VHF power MOS transistor
September 1992
BLF242 NXP-BLF242 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BLF242 NJSEMI-BLF242 Datasheet
147Kb / 4P
   HF/VHF power MOS transistor
logo
NXP Semiconductors
BLF2425M6L(S)180P NXP-BLF2425M6L(S)180P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF2425M6L180P PHILIPS-BLF2425M6L180P_15 Datasheet
337Kb / 12P
   Power LDMOS transistor
Rev. 3-12 July 2013
More results

同様の説明 - BLF247B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BLF245B PHILIPS-BLF245B Datasheet
94Kb / 12P
   VHF push-pull power MOS transistor
September 1992
BLF368 PHILIPS-BLF368 Datasheet
132Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
   VHF push-pull power MOS transistor
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
   VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF368_2015 JMNIC-BLF368_2015 Datasheet
112Kb / 16P
   VHF push-pull power MOS transistor
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
   VHF push-pull power MOS transistor
September 1992
BLF378 PHILIPS-BLF378 Datasheet
134Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com