データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DL-4038-025 データシート(PDF) 1 Page - Sanyo Semicon Device

部品番号 DL-4038-025
部品情報  High Power AlGaInP Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-4038-025 データシート(HTML) 1 Page - Sanyo Semicon Device

  DL-4038-025 Datasheet HTML 1Page - Sanyo Semicon Device DL-4038-025 Datasheet HTML 2Page - Sanyo Semicon Device DL-4038-025 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL-4038-025
No.5902 1/3
Overview
DL-4038-025 is a high power 635 nm (Typ.) AlGalnP laser diode.The
lasing wavelength is the same as He-Ne gas lasers. DL-4038-025 is
suitable for applications such as laser printers, line markers and other
optical information systems.
Features
• Short wavelength
: 635 nm (Typ.)
• High output power
: 20mW CW
• Low threshold current
: Ith = 45 mA (Typ.)
• Low operating voltage
: Vop = 2.3 V (Typ.)
Absolute Maximum Ratings at Tc=25
°C
Parameter
Symbol
Ratings
Unit
Light Output
CW
Po
20
mW
Reverse Voltage
Laser
VR
2
V
PIN
30
Operating Temperature
Topr
---10 to +40
°C
Storage Temperature
Tstg
---40 to +85
°C
Electrical and Optical Characteristics at Tc=25
°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Threshold Current
Ith
CW
---
45
70
mA
Operating Current
Iop
Po=20mW
---
80
110
mA
Operating Voltage
Vop
Po=20mW
---
2.3
2.5
V
Lasing Wavelength
λ p
Po=20mW
---
635
645
nm
Beam
1)
Perpendicular
θ ⊥
Po=20mW
20
25
35
deg.
Divergence
Parallel
θ //
Po=20mW
6
7
10
deg.
Off Axis
Perpendicular
θ ⊥
---
---
---
±3
deg.
Angle
Parallel
θ //
---
---
---
±3
deg.
Differential Efficiency
dPo/dIop
---
---
0.6
---
mW/mA
Monitoring Output Current
Im
Po=20mW
---
0.03
---
mA
Astigmatism
As
Po=20mW
---
10
---
µm
1) Full angle at half maximum
Note : The above product specification are subject to change without notice.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : EN5902
DL-4038-025
Red Laser Diode
High Power AlGaInP Laser Diode
LD
PD
13
2
– power supply system
0
ø9.0 – 0.03
ø5.35
ø2.1
ø4.75
±0.15
Effective window diameter 1.0min.
1.0
±0.1
ø1.4max.
3–
ø0.45
±0.1
12 3 ø2.54
Pin No.
Top view
LD facet
1
3
2
Tolerance :
± 0.2
Unit
: mm
9.0mm ø stem(Red)
Package Dimensions
Electrical Connection
N2798 GI, (IM)


同様の部品番号 - DL-4038-025

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
DL-4038-021 SANYO-DL-4038-021 Datasheet
78Kb / 3P
   High Power AlGalnP Laser Diode
More results

同様の説明 - DL-4038-025

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HL6314MG HITACHI-HL6314MG Datasheet
31Kb / 6P
   AlGaInP Laser Diode
HL6714G HITACHI-HL6714G Datasheet
154Kb / 7P
   AlGaInP Laser Diode
logo
Opnext. Inc.
HL6714G OPNEXT-HL6714G Datasheet
93Kb / 4P
   AlGaInP Laser Diode
HL6724MG OPNEXT-HL6724MG Datasheet
92Kb / 4P
   AlGaInP Laser Diode
logo
Hitachi Semiconductor
HL6323MG HITACHI-HL6323MG Datasheet
36Kb / 8P
   AlGaInP Laser Diode
HL6320G HITACHI-HL6320G Datasheet
28Kb / 6P
   AlGaInP Laser Diodes
logo
Opnext. Inc.
HL6319G OPNEXT-HL6319G Datasheet
94Kb / 4P
   AlGaInP Laser Diodes
HL6556MG OPNEXT-HL6556MG Datasheet
80Kb / 3P
   AlGaInP Laser Diodes
HL6312G OPNEXT-HL6312G Datasheet
93Kb / 4P
    AlGaInP Laser Diodes
HL6321G OPNEXT-HL6321G Datasheet
95Kb / 4P
   AlGaInP Laser Diodes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com