データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB1-2SAL6101 データシート(PDF) 2 Page - ITT Industries

部品番号 MTB1-2SAL6101
部品情報  Microstrips .050 Contact Spacing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

MTB1-2SAL6101 データシート(HTML) 2 Page - ITT Industries

  MTB1-2SAL6101 Datasheet HTML 1Page - ITT Industries MTB1-2SAL6101 Datasheet HTML 2Page - ITT Industries MTB1-2SAL6101 Datasheet HTML 3Page - ITT Industries MTB1-2SAL6101 Datasheet HTML 4Page - ITT Industries MTB1-2SAL6101 Datasheet HTML 5Page - ITT Industries MTB1-2SAL6101 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
49
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Microstrips .050" Contact Spacing
MT
How to Order
R
MTV1 – 16
P
H001 01
RoHS Compliance
Series
MTB1 – High Temperature Diallyl Phthalate 150°C (Recommended for severe environments)
MTV1 – Polyester 125°C (Recommended for general purpose use)
Number of Cavities
2 through 40.
This number is the total number of cavities including guide pins and latches. 40 positions is the
maximum recommended size for standard strips, but sizes up to 120 positions are available on request.
Contact Type
P- Pin
S – Socket
Termination Style
Solder Cup contacts for customer termination
S
Pre-wired Pigtails
H067 – Pre-wired pigtail with 18” of insulated Teflon wire per M22759/11, #26 AWG, 19 strand, yellow
HY01 – Pre-wired pigtail with 18” of insulated Teflon wire per M22759/11, #26 AWG, 19 strand, 10 color repeating
Straight Terminals .018” diameter, gold-plated
L1 – 5” extension
L2 – 1” extension
L57 – .190” extension
L61 – .125” extension
Right Angle Terminals staggered footprint .018” diameter, gold plated
AL57 – .190” extension
AL61 – .125” extension
Right Angle Terminals .050" in-line footprint .018" diameter, gold plated
BL57 – .190” extension
BL61 – .125” extension
Surface Mount .018” diameter, gold-plated
CL1
Guide Pin and Latch Options
01 – Guide pin installed in end cavities of socket strip. Blank holes in end cavities of pin strip.
02 – Guide pin installed in cavity #1 of socket Strip. Blank holes in cavity #1 of pin strip.
03 – Spring latches installed in end cavities of socket strip. Latch clips installed in end cavities of pin strip. For use with MTV1 only.
04 – Spring latch installed in center cavity of socket strip. Spring latch installed in center cavity of pin strip. For use with MTV1 only.
Socket Strip
Pin Strip
01
Guide Pins In End Cavities
02
Guide Pins In Cavity #1
03
End Latches
04
Center Latch


同様の部品番号 - MTB1-2SAL6101

メーカー部品番号データシート部品情報
logo
Marktech Corporate
MTB10000-G MARKTECH-MTB10000-G Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTB10000-G-A MARKTECH-MTB10000-G-A Datasheet
192Kb / 3P
   Standard LEDs
MTB10000-HR MARKTECH-MTB10000-HR Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
MTB10000-HR-A MARKTECH-MTB10000-HR-A Datasheet
199Kb / 3P
   Standard LEDs
MTB10000-O MARKTECH-MTB10000-O Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
More results

同様の説明 - MTB1-2SAL6101

メーカー部品番号データシート部品情報
logo
ITT Industries
MEB1-128PL ITT-MEB1-128PL Datasheet
196Kb / 5P
   Micro Edgeboard - .050 Contact Spacing
MIKM6-55P ITT-MIKM6-55P Datasheet
173Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH067 ITT-MIK6-55PH067 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
MIK6-55PH084 ITT-MIK6-55PH084 Datasheet
201Kb / 4P
   Microminiature Circular - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-21PCBRP ETC2-MDM-21PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
MDM-51PCBRP ETC2-MDM-51PCBRP Datasheet
825Kb / 17P
   The Micro Line - .050" Contact Spacing
logo
ITT Industries
MDM-25PSB ITT-MDM-25PSB Datasheet
825Kb / 17P
   The Micro Line - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
MDM ITT-MDM Datasheet
321Kb / 8P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com