データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320C6454 データシート(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320C6454
部品情報  Fixed-Point Digital Signal Processor
Download  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6454 データシート(HTML) 34 Page - Texas Instruments

Back Button TMS320C6454 Datasheet HTML 30Page - Texas Instruments TMS320C6454 Datasheet HTML 31Page - Texas Instruments TMS320C6454 Datasheet HTML 32Page - Texas Instruments TMS320C6454 Datasheet HTML 33Page - Texas Instruments TMS320C6454 Datasheet HTML 34Page - Texas Instruments TMS320C6454 Datasheet HTML 35Page - Texas Instruments TMS320C6454 Datasheet HTML 36Page - Texas Instruments TMS320C6454 Datasheet HTML 37Page - Texas Instruments TMS320C6454 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 225 page
background image
www.ti.com
TMS320C6454
Fixed-Point Digital Signal Processor
SPRS311A – APRIL 2006 – REVISED DECEMBER 2006
Table 2-3. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2)
DESCRIPTION
NAME
NO.
MULTICHANNEL BUFFERED SERIAL PORT 1 AND MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP1 and McBSP0)
McBSP external clock source (as opposed to internal) (I)
CLKS
AJ4
I
IPD
[shared by McBSP1 and McBSP0]
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
CLKR1/GP[0]
AF4
I/O/Z
IPD
McBSP1 receive clock (I/O/Z) or GP[0] (I/O/Z) [default]
FSR1/GP[10]
AE5
I/O/Z
IPD
McBSP1 receive frame sync (I/O/Z) or GP[10] (I/O/Z)[default]
DR1/GP[8]
AH5
I/O/Z
IPD
McBSP1 receive data (I) or GP[8] (I/O/Z) [default]
DX1/GP[9]
AG5
I/O/Z
IPD
McBSP1 transmit data (O/Z) or GP[9] (I/O/Z) [default]
FSX1/GP[11]
AG4
I/O/Z
IPD
McBSP1 transmit frame sync (I/O/Z) or GP[11] (I/O/Z) [default]
CLKX1/GP[3]
AF5
I/O/Z
IPD
McBSP1 transmit clock (I/O/Z) or GP[3] (I/O/Z) [default]
MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0)
CLKR0
AG1
I/O/Z
IPU
McBSP0 receive clock (I/O/Z)
FSR0
AH3
I/O/Z
IPD
McBSP0 receive frame sync (I/O/Z)
DR0
AJ5
I
IPD
McBSP0 receive data (I)
DX0
AF6
I/O/Z
IPD
McBSP0 transmit data (O/Z)
FSX0
AJ3
I/O/Z
IPD
McBSP0 transmit frame sync (I/O/Z)
CLKX0
AG6
I/O/Z
IPU
McBSP0 transmit clock (I/O/Z)
MANAGEMENT DATA INPUT/OUTPUT (MDIO) FOR MII/RMII/GMII
MDCLK
M5
I/O/Z
IPD
MDIO serial clock (MDCLK) for MII/RMII/RGMII mode (O)
MDIO
N3
I/O/Z
IPU
MDIO serial data (MDIO) for MII/RMII/RGMII mode (I/O)
MANAGEMENT DATA INPUT/OUTPUT (MDIO) FOR RGMII
RGMDCLK
B4
O/Z
MDIO serial clock for RGMII mode (RGMDCLK) (O)
RGMDIO
A4
I/O/Z
MDIO serial data for RGMII mode (RGMDIO) (I/O)
ETHERNET MAC (EMAC) [MII/RMII/GMII]
There are two configuration pins — the MAC_SEL[1:0] (AEA[10:9] pins) that select one of the four interface modes (MII, RMII, GMII, or
RGMII) for the EMAC/MDIO interface. For more detailed information on the EMAC configuration pins, see Section 3, Device Configuration.
This pin is EMAC receive clock (MRCLK) for MII [default] or GMII.
MRCLK
H1
I
MACSEL[1:0] dependent.
This pin is EMAC carrier sense (MCRS) (I) for MII [default] or GMII, or EMAC
MCRS/RMCRSDV
J4
I/O/Z
carrier sense/receive data valid (RMCRSDV) (I) for RMII. MACSEL[1:0]
dependent.
This pin is EMAC receive error (MRXIR) (I) for MII [default], RMII, or GMII.
MRXER/RMRXER
H4
I
MACSEL[1:0] dependent.
This pin is EMAC MII [default] or GMII receive data valid (MRXDV) (I).
MRXDV
H5
I
MACSEL[1:0] dependent.
MRXD7
M2
MRXD6
H2
MRXD5
L2
EMAC receive data bus for MII [default], RMII, or GMII
MRXD4
L1
I
These pins function as EMAC receive data pins for MII [default], RMII, or GMII
MRXD3
J3
(MRXD[x:0]) (I). MACSEL[1:0] dependent.
MRXD2
J1
MRXD1/RMRXD1
H3
MRXD0/RMRXD0
J2
GMTCLK
K5
O/Z
This pin is EMAC GMII transmit clock (GMTCLK) (O). MACSEL[1:0] dependent.
This pin is either EMAC MII [default] or GMII transmit clock (MTCLK) (I) or the
EMAC RMII reference clock (RMREFCLK) (I). The EMAC function is controlled
MTCLK/RMREFCLK
N4
I
by the MACSEL[1:0] (AEA[10:9] pins). For more detailed information, see
Section 3, Device Configuration.
Device Overview
34
Submit Documentation Feedback


同様の部品番号 - TMS320C6454

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6454 TI-TMS320C6454 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6454 TI-TMS320C6454 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6454BCTZ TI1-TMS320C6454BCTZ Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6454BCTZ TI-TMS320C6454BCTZ Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6454BCTZ7 TI1-TMS320C6454BCTZ7 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

同様の説明 - TMS320C6454

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com