データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TMS320C6454 データシート(Datasheet) 5 Page - TI store

Click here to check the latest version.
部品番号. TMS320C6454
部品情報  Fixed-Point Digital Signal Processor
ダウンロード  225 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI [TI store]
ホームページ  http://www.ti.com
Logo 

 
 5 page
background image
www.ti.com
Contents
TMS320C6454
Fixed-Point Digital Signal Processor
SPRS311A – APRIL 2006 – REVISED DECEMBER 2006
1
TMS320C6454 Fixed-Point Digital Signal
5.5
Megamodule Resets
................................ 81
Processor
.................................................. 1
5.6
Megamodule Revision
............................... 82
1.1
Features
.............................................. 1
5.7
C64x+ Megamodule Register Description(s)
........ 83
1.1.1
ZTZ/GTZ BGA Package (Bottom View)
.............. 2
6
Device Operating Conditions
........................ 90
1.2
Description
............................................ 2
6.1
Absolute Maximum Ratings Over Operating Case
Temperature Range (Unless Otherwise Noted)
..... 90
1.3
Functional Block Diagram
............................ 4
6.2
Recommended Operating Conditions
............... 90
2
Device Overview
......................................... 6
6.3
Electrical Characteristics Over Recommended
2.1
Device Characteristics
................................ 6
Ranges of Supply Voltage and Operating Case
2.2
CPU (DSP Core) Description
......................... 7
Temperature (Unless Otherwise Noted)
............ 92
2.3
Memory Map Summary
............................. 10
7
C64x+ Peripheral Information and Electrical
2.4
Boot Sequence
...................................... 12
Specifications
........................................... 94
2.5
Pin Assignments
.................................... 14
7.1
Parameter Information
.............................. 94
2.6
Signal Groups Description
.......................... 18
7.2
Recommended Clock and Control Signal Transition
Behavior
............................................. 96
2.7
Terminal Functions
.................................. 24
7.3
Power Supplies
...................................... 96
2.8
Development
........................................ 47
7.4
Enhanced Direct Memory Access (EDMA3)
3
Device Configuration
.................................. 50
Controller
............................................ 98
3.1
Device Configuration at Device Reset
.............. 50
7.5
Interrupts
........................................... 112
3.2
Peripheral Configuration at Device Reset
........... 52
7.6
Reset Controller
.................................... 116
3.3
Peripheral Selection After Device Reset
............ 53
7.7
PLL1 and PLL1 Controller
......................... 123
3.4
Device State Control Registers
..................... 55
7.8
PLL2 and PLL2 Controller
......................... 138
3.5
Device Status Register Description
................. 65
7.9
DDR2 Memory Controller
.......................... 147
3.6
JTAG ID (JTAGID) Register Description
............ 67
7.10
External Memory Interface A (EMIFA)
............. 149
3.7
Pullup/Pulldown Resistors
........................... 67
7.11
I2C Peripheral
...................................... 160
3.8
Configuration Examples
............................. 69
7.12
Host-Port Interface (HPI) Peripheral
............... 166
4
System Interconnect
................................... 71
7.13
Multichannel Buffered Serial Port (McBSP)
........ 177
4.1
Internal Buses, Bridges, and Switch Fabrics
........ 71
7.14
Ethernet MAC (EMAC)
............................. 187
4.2
Data Switch Fabric Connections
.................... 72
7.15
Timers
.............................................. 205
4.3
Configuration Switch Fabric
......................... 74
7.16
Peripheral Component Interconnect (PCI)
......... 207
4.4
Priority Allocation
.................................... 76
7.17
General-Purpose Input/Output (GPIO)
............. 214
5
C64x+ Megamodule
.................................... 77
7.18
IEEE 1149.1 JTAG
................................. 216
5.1
Memory Architecture
................................ 77
8
Mechanical Data
....................................... 217
5.2
Memory Protection
.................................. 80
8.1
Thermal Data
...................................... 217
5.3
Bandwidth Management
............................ 80
8.2
Packaging Information
............................. 217
5.4
Power-Down Control
................................ 81
Revision History
............................................ 218
Submit Documentation Feedback
Contents
5




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
ZXCW8100S2832 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER 1 2 3 4 5 MoreZetex Semiconductors
IRFB4019PBFDIGITAL AUDIO MOSFET 1 2 3 4 5 MoreInternational Rectifier
PYD1998Digital Dual Element Pyrodetector 1 2 PerkinElmer Optoelectronics
TMPR4927ATB-200TOSHIBA RISC PROCESSOR 1 2 3 4 5 MoreToshiba Semiconductor
BCY34ASMALL SIGNAL PNP TRANSISTORS 1 2 Seme LAB
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl