データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320C6454 データシート(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320C6454
部品情報  Fixed-Point Digital Signal Processor
Download  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6454 データシート(HTML) 50 Page - Texas Instruments

Back Button TMS320C6454 Datasheet HTML 46Page - Texas Instruments TMS320C6454 Datasheet HTML 47Page - Texas Instruments TMS320C6454 Datasheet HTML 48Page - Texas Instruments TMS320C6454 Datasheet HTML 49Page - Texas Instruments TMS320C6454 Datasheet HTML 50Page - Texas Instruments TMS320C6454 Datasheet HTML 51Page - Texas Instruments TMS320C6454 Datasheet HTML 52Page - Texas Instruments TMS320C6454 Datasheet HTML 53Page - Texas Instruments TMS320C6454 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 225 page
background image
www.ti.com
3
Device Configuration
3.1 Device Configuration at Device Reset
TMS320C6454
Fixed-Point Digital Signal Processor
SPRS311A – APRIL 2006 – REVISED DECEMBER 2006
On the C6454 device, certain device configurations like boot mode, pin multiplexing, and endianess, are
selected at device reset. The status of the peripherals (enabled/disabled) is determined after device reset.
By default, the peripherals on the C6454 device are disabled and need to be enabled by software before
being used.
Table 3-1 describes the C6454 device configuration pins. The logic level of the AEA[19:0], ABA[1:0], and
PCI_EN pins is latched at reset to determine the device configuration. The logic level on the device
configuration pins can be set by using external pullup/pulldown resistors or by using some control device
(e.g., FPGA/CPLD) to intelligently drive these pins. When using a control device, care should be taken to
ensure there is no contention on the lines when the device is out of reset. The device configuration pins
are sampled during reset and are driven after the reset is removed. To avoid contention, the control device
should only drive the EMIFA pins when RESETSTAT is low.
NOTE
If a configuration pin must be routed out from the device and 3-stated (not driven), the
internal pullup/pulldown (IPU/IPD) resistor should not be relied upon; TI recommends the
use of an external pullup/pulldown resistor. For more detailed information on
pullup/pulldown resistors and situations where external pullup/pulldown resistors are
required, see Section 3.7, Pullup/Pulldown Resistors.
Table 3-1. C6454 Device Configuration Pins (AEA[19:0], ABA[1:0], and PCI_EN)
CONFIGURATION
IPD/
NO.
FUNCTIONAL DESCRIPTION
PIN
IPU(1)
Boot Mode Selections (BOOTMODE [3:0]).
These pins select the boot mode for the device.
0000
No boot (default mode)
0001
Host boot (HPI)
0010
Reserved
0011
Reserved
[N25,
0100
EMIFA 8-bit ROM boot
L26,
0101
Master I2C boot
AEA[19:16]
IPD
L25,
0110
Slave I2C boot
P26]
0111
Host boot (PCI)
1000 thru Reserved
1111
If selected for boot, the corresponding peripheral is automatically enabled after device reset.
For more detailed information on boot modes, see Section 2.4, Boot Sequence.
CFGGP[2:0] pins must be set to 000b during reset for proper operation of the PCI boot
mode.
EMIFA input clock source select (AECLKIN_SEL).
0
AECLKIN (default mode)
AEA15
P27
IPD
1
SYSCLK4 (CPU/x) Clock Rate. The SYSCLK4 clock rate is software selectable
via the Software PLL1 Controller. By default, SYSCLK4 is selected as CPU/8
clock rate.
(1)
IPD = Internal pulldown, IPU = Internal pullup. For most systems, a 1-k
Ω resistor can be used to oppose the IPU/IPD. For more detailed
information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 3.7,
Pullup/Pulldown Resistors.
Device Configuration
50
Submit Documentation Feedback


同様の部品番号 - TMS320C6454

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6454 TI-TMS320C6454 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6454 TI-TMS320C6454 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6454BCTZ TI1-TMS320C6454BCTZ Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6454BCTZ TI-TMS320C6454BCTZ Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6454BCTZ7 TI1-TMS320C6454BCTZ7 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

同様の説明 - TMS320C6454

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com