データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


TMS320C6454 データシート(Datasheet) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号. TMS320C6454
部品情報  Fixed-Point Digital Signal Processor
ダウンロード  225 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

 6 page
background image
www.ti.com
2
Device Overview
2.1 Device Characteristics
TMS320C6454
Fixed-Point Digital Signal Processor
SPRS311A – APRIL 2006 – REVISED DECEMBER 2006
Table 2-1, provides an overview of the C6454 DSP. The tables show significant features of the C6454
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 2-1. Characteristics of the C6454 Processor
HARDWARE FEATURES
C6454
EMIFA (64-bit bus width)
1
(clock source = AECLKIN or SYSCLK4)
DDR2 Memory Controller (32-bit bus width) [1.8 V I/O]
1
(clock source = CLKIN2)
EDMA3 (64 independent channels) [CPU/3 clock rate]
1
I2C
1
Peripherals
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
Not all peripherals pins
are available at the same
PCI (32-bit), [66-MHz or 33-MHz]
1 (PCI66 or PCI33)
time (For more detail, see
McBSPs (internal CPU/6 or external clock source up
the Device Configuration
2
to 100 Mbps)
section).
10/100/1000 Ethernet MAC (EMAC)
1
Management Data Input/Output (MDIO)
1
64-Bit Timers (Configurable)
2 64-bit or 4 32-bit
(internal clock source = CPU/6 clock frequency)
General-Purpose Input/Output Port (GPIO)
16
Size (Bytes)
1144K
32K-Byte (32KB) L1 Program Memory Controller
[SRAM/Cache]
On-Chip Memory
Organization
32KB Data Memory Controller [SRAM/Cache]
1048KB L2 Unified Memory/Cache
32KB L2 ROM
C64x+ Megamodule
Megamodule Revision ID Register (address location:
See Section 5.6, Megamodule Revision
Revision ID
0181 2000h)
See Section 3.6, JTAG ID (JTAGID) Register
JTAG BSDL_ID
JTAGID register (address location: 0x02A80008)
Description
Frequency
MHz
720, 850, and 1000 (1 GHz)
1.39 ns (C6454-720), 1.17 ns (C6454-850),
Cycle Time
ns
1 ns (C6454-1000) [1 GHz CPU]
1.25 V (-1000)
Core (V)
1.2 V (-850/-720)
Voltage
1.5/1.8 [EMAC RGMII], and
I/O (V)
1.8 and 3.3 V [I/O Supply Voltage]
PLL1 and PLL1
CLKIN1 frequency multiplier
Bypass (x1), x15, x20, x25, x30, x32
Controller Options
CLKIN2 frequency multiplier
PLL2
x20
[DDR2 Memory Controller and EMAC support only]
697-Pin Flip-Chip Plastic BGA (ZTZ)
BGA Package
24 x 24 mm
697-Pin Plastic BGA (GTZ)
Process Technology
µm
0.09 µm
Product Preview (PP), Advance Information (AI),
Product Status(1)
PP
or Production Data (PD)
(1)
PRODUCT PREVIEW information concerns experimental products (designated as TMX) that are in the formative or design phase of
development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
Device Overview
6
Submit Documentation Feedback




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
ZXCW8100S2832 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER 1 2 3 4 5 MoreZetex Semiconductors
IRFB4019PBFDIGITAL AUDIO MOSFET 1 2 3 4 5 MoreInternational Rectifier
PYD1998Digital Dual Element Pyrodetector 1 2 PerkinElmer Optoelectronics
TMPR4927ATB-200TOSHIBA RISC PROCESSOR 1 2 3 4 5 MoreToshiba Semiconductor
BCY34ASMALL SIGNAL PNP TRANSISTORS 1 2 Seme LAB
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl