データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K100F データシート(PDF) 2 Page - Voltage Multipliers Inc.

部品番号 K100F
部品情報  2,500 V - 10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 200 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VMI [Voltage Multipliers Inc.]
ホームページ  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

K100F データシート(HTML) 2 Page - Voltage Multipliers Inc.

  K100F Datasheet HTML 1Page - Voltage Multipliers Inc. K100F Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
128
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
Temperature (C)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
020
40
60
80
100
Reverse Bias Voltage (V)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.0
2.0
4.0
6.0
8.0
10.0
Forward Current (A)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
2.0
4.0
6.0
8.0
10.0
Forward Current (A)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
25
50
75
100
125
150
175
Lead Temperature (C)
1.0
10.0
100.0
1000.0
10000.0
25
50
75
100
125
150
Temperature (C)
K25F K50F K100F
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
POWER DERATING
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
K100F
K50F
K25F
K100F
K25F
K50F
Temperature (°C)
Lead Temperature (°C)
Temperature (°C)


同様の部品番号 - K100F

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
K100F NJSEMI-K100F Datasheet
494Kb / 1P
   High Voltage Rectifiers 2,500V-10,000V
K100F NJSEMI-K100F Datasheet
494Kb / 1P
   High Voltage Rectifiers 2,500V-10,000V
logo
Voltage Multipliers Inc...
K100F VMI-K100F Datasheet
139Kb / 2P
   High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
More results

同様の説明 - K100F

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
NJS25UF NJSEMI-NJS25UF Datasheet
274Kb / 1P
   2,500 V -10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 100 ns Recovery Time
logo
Voltage Multipliers Inc...
Z25FG VMI-Z25FG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 200 ns Recovery Time
logo
List of Unclassifed Man...
Z25SG ETC1-Z25SG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers (0.50 A - 1.5 A Forward Current 3000 ns Recovery Time)
Z25UFG ETC1-Z25UFG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time
logo
Voltage Multipliers Inc...
Z25UFG VMI-Z25UFG Datasheet
98Kb / 2P
   2,500 V - 10,000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time
X25FG VMI-X25FG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time
logo
List of Unclassifed Man...
SP25F ETC1-SP25F Datasheet
75Kb / 2P
   2,500 V - 10,000 V Rectifier Stacks (0.5 A Forward Current 150 ns Recovery Time)
logo
Voltage Multipliers Inc...
FP25S VMI-FP25S Datasheet
82Kb / 2P
   2,500 V - 10,000 V Rectifier Stacks 2.2 A Forward Current 3000 ns Recovery Time
logo
List of Unclassifed Man...
1N6513 ETC-1N6513 Datasheet
95Kb / 2P
   2,000 V - 10,000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time
logo
Voltage Multipliers Inc...
X25UFG VMI-X25UFG Datasheet
94Kb / 2P
   2,500 V - 10,000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com