データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


AD9992 データシート(Datasheet) 6 Page - Analog Devices

部品番号. AD9992
部品情報  12-Bit CCD Signal Processor with Precision Timing Generator
ダウンロード  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo 

 6 page
background image
AD9992
Rev. C | Page 6 of 92
TIMING SPECIFICATIONS
CL = 20 pF, AVDD = DVDD = TCVDD = 1.8 V, DRVDD = 3.0 V, fCLI = 40 MHz, unless otherwise noted.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (See Figure 15)
CLI Clock Period
tCONV
25
ns
CLI High/Low Pulse Width
10
12.5
15
ns
Delay from CLI Rising Edge to Internal Pixel Position 0
tCLIDLY
6
ns
SLAVE MODE SPECIFICATIONS (See Figure 76)
VD Falling Edge to HD Falling Edge in Slave Mode
tVDHD
0
VD period − 5 ×
tCONV
ns
HD Edge to CLI Rising Edge (Only Valid if OSC_RSTB = LO)
tHDCLI
3
tCONV − 2
ns
HD Edge to CLO Rising Edge (Only Valid if OSC_RSTB = HI)
tHDCLO
3
tCONV − 2
ns
Inhibit Region for SHP Edge Location
tSHPINH
48
63
Edge location
AFE CLPOB PULSE WIDTH (See Figure 22 and Figure 32)1, 2
2
20
Pixels
AFE SAMPLE LOCATION (See Figure 16 and Figure 19)1
SHP Sample Edge to SHD Sample Edge
tS1
11
12.5
ns
DATA OUTPUTS (See Figure 20 and Figure 21)
Output Delay from DCLK Rising Edge
tOD
1
ns
Inhibited Area for DOUTPHASE Edge Location
tDOUTINH
SHDLOC + 1
SHDLOC + 15
Edge location
Pipeline Delay from SHP/SHD Sampling to DOUT
16
Cycles
SERIAL INTERFACE (See Figure 83)
Maximum SCK Frequency (Must Not Exceed CLI Frequency)
fSCLK
40
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
INHIBIT REGION FOR SHP AND SHD WITH RESPECT TO H-CLOCK
EDGE PLACEMENT (see Figure 19) for H*POL = 1
RETIME = 0, MASK = 0
tSHDINH
H*NEGLOC – 15
H*NEGLOC – 0
Edge location
RETIME = 0, MASK = 1
tSHDINH
H*POSLOC – 15
H*POSLOC – 0
Edge location
RETIME = 1, MASK = 0
tSHPINH
H*NEGLOC – 15
H*NEGLOC – 0
Edge location
RETIME = 1, MASK = 1
tSHPINH
H*POSLOC – 15
H*POSLOC – 0
Edge location
1 Parameter is programmable.
2 Minimum CLPOB pulse width is for functional operation only. Wider typical pulses are recommended to achieve good clamp performance.




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
TMS320C6454Fixed-Point Digital Signal Processor 1 2 3 4 5 MoreTexas Instruments
MSP34X1GMultistandard Sound Processor Family with Virtual Dolby Surround 1 2 3 4 5 MoreMicronas
BCY34ASMALL SIGNAL PNP TRANSISTORS 1 2 Seme LAB
LMX2531LQ1500EHigh Performance Frequency Synthesizer System with Integrated VCO 1 2 3 4 5 MoreNational Semiconductor (TI)
ISTS150TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS 1 2 3 List of Unclassifed Manufacturers
AD7323500 kSPS 4-Channel Software-Selectable True Bipolar Input 12-Bit Plus Sign ADC 1 2 3 4 5 MoreAnalog Devices
OR22-input OR gate with 1x drive strength 1 ams AG
OPA2690Dual Wideband Voltage-Feedback OPERATIONAL AMPLIFIER with Disable 1 2 3 4 5 MoreBurr-Brown (TI)

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl