データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8506WRUZ-REEL データシート(PDF) 5 Page - Analog Devices

部品番号 ADD8506WRUZ-REEL
部品情報  4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8506WRUZ-REEL データシート(HTML) 5 Page - Analog Devices

  ADD8506WRUZ-REEL Datasheet HTML 1Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 2Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 3Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 4Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 5Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 6Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 7Page - Analog Devices ADD8506WRUZ-REEL Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADD8504/ADD8505/ADD8506
Rev. B | Page 5 of 8
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
INA1
1
VCC1
24
INB1
2
OUT1
23
INA2
3
OUT2
22
INB2
4
OUT3
21
INA3
5
VCC2
20
INB3
6
A/B
19
INA4
7
GND
18
INB4
8
GND
17
INA5
9
OUT4
16
INB5 10
OUT5
15
INA6 11
OUT6
14
INB6 12
VCC3
13
Figure 4. ADD8506
6-Channel Buffer
INA1
1
VCC1
20
INB1
2
OUT1
19
INA2
3
OUT2
18
INB2
4
OUT3
17
INA3
5
VCC2
16
INB3
6
A/B
15
INA4
7
GND
14
INB4
8
GND
13
INA5
9
OUT4
12
INB5 10
OUT5
11
Figure 5. ADD8505
5-Channel Buffer
INA1
1
OUT1
16
INB1
2
OUT2
15
INA2
3
VCC1
14
INB2
4
A/B
13
INA3
5
GND
12
INB3
6
GND
11
INA4
7
OUT3
10
INB4
8
OUT4
9
Figure 6. ADD8504
4-Channel Buffer
Table 5. Pin Function Descriptions
ADD8506
Pin No.
ADD8505
Pin No.
ADD8504
Pin No.
Mnemonic
Function
Description
1
1
1
INA1
Input
Channel 1 Buffer Input A.
2
2
2
INB1
Input
Channel 1 Buffer Input B.
3
3
3
INA2
Input
Channel 2 Buffer Input A.
4
4
4
INB2
Input
Channel 2 Buffer Input B.
5
5
5
INA3
Input
Channel 3 Buffer Input A.
6
6
6
INB3
Input
Channel 3 Buffer Input B.
7
7
7
INA4
Input
Channel 4 Buffer Input A.
8
8
8
INB4
Input
Channel 4 Buffer Input B.
9
9
N/A
INA5
Input
Channel 5 Buffer Input A.
10
10
N/A
INB5
Input
Channel 5 Buffer Input B.
11
N/A
N/A
INA6
Input
Channel 6 Buffer Input A.
12
N/A
N/A
INB6
Input
Channel 6 Buffer Input B.
13
N/A
N/A
VCC3
Power In
Power Supply Input. Short to VCC1 and VCC2. Typically connected to +5 V.
14
N/A
N/A
OUT6
Output
Channel 6 Buffer Output.
15
11
N/A
OUT5
Output
Channel 5 Buffer Output.
16
12
9
OUT4
Output
Channel 4 Buffer Output.
17, 18
13, 14
11, 12
GND
Ground
Ground.
19
15
13
A/B
Input
Switch Control. Logic high selects Input A; logic low selects Input B.
20
16
N/A
VCC2
Power In
Power Supply Input. Short to VCC1 and VCC3. Typically connected to +5 V.
21
17
10
OUT3
Output
Channel 3 Buffer Output.
22
18
15
OUT2
Output
Channel 2 Buffer Output.
23
19
16
OUT1
Output
Channel 1 Buffer Output.
24
20
14
VCC1
Power In
Power Supply Input. Short to VCC2 and VCC3. Typically connected to +5 V.


同様の部品番号 - ADD8506WRUZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8506WRUZ-REEL AD-ADD8506WRUZ-REEL Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
ADD8506WRUZ-REEL AD-ADD8506WRUZ-REEL Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506WRUZ-REEL7 AD-ADD8506WRUZ-REEL7 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
ADD8506WRUZ-REEL7 AD-ADD8506WRUZ-REEL7 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
More results

同様の説明 - ADD8506WRUZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com