データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1181AARWZ-REEL データシート(PDF) 11 Page - Analog Devices

部品番号 ADM1181AARWZ-REEL
部品情報  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1181AARWZ-REEL データシート(HTML) 11 Page - Analog Devices

Back Button ADM1181AARWZ-REEL Datasheet HTML 7Page - Analog Devices ADM1181AARWZ-REEL Datasheet HTML 8Page - Analog Devices ADM1181AARWZ-REEL Datasheet HTML 9Page - Analog Devices ADM1181AARWZ-REEL Datasheet HTML 10Page - Analog Devices ADM1181AARWZ-REEL Datasheet HTML 11Page - Analog Devices ADM1181AARWZ-REEL Datasheet HTML 12Page - Analog Devices ADM1181AARWZ-REEL Datasheet HTML 13Page - Analog Devices ADM1181AARWZ-REEL Datasheet HTML 14Page - Analog Devices ADM1181AARWZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 11 of 16
Table 4. IEC1000-4-2 Compliance Levels
Level
Contact Discharge
Air Discharge
1
2 kV
2 kV
2
4 kV
4 kV
3
6 kV
8 kV
4
8 kV
15 kV
Table 5. ADM202E/ADM1181A ESD Test Results
ESD Test Method
I/O Pins
MIL-STD-883B
±15 kV
IEC1000-4-2
Contact
±8 kV
Air
±15 kV
FAST TRANSIENT/BURST TESTING (IEC1000-4-4)
IEC1000-4-4 (previously 801-4) covers electrical fast transient
(EFT)/burst immunity. Electrical fast transients occur as a result
of arcing contacts in switches and relays. The tests simulate the
interference generated when, for example, a power relay
disconnects an inductive load. A spark is generated due to the
well-known back EMF effect. In fact, the spark consists of a
burst of sparks as the relay contacts separate. The voltage
appearing on the line, therefore, consists of a burst of extremely
fast transient impulses. A similar effect occurs when switching
on fluorescent lights.
The fast transient/burst test defined in IEC1000-4-4 simulates
this arcing, and its waveform is illustrated in Figure 17. It
consists of a burst of 2.5 kHz to 5 kHz transients repeating at
300 ms intervals. It is specified for both power and data lines.
300ms
15ms
t
V
5ns
0.2/0.4ms
50ns
V
t
Figure 21. IEC1000-4-4 Fast Transient Waveform
A simplified circuit diagram of the actual EFT generator is
illustrated in Figure 22.
The transients are coupled onto the signal lines using an EFT
coupling clamp. The clamp, which is 1 m long, completely
surrounds the cable, providing maximum coupling capacitance
(50 pF to 200 pF typ) between the clamp and the cable. High
energy transients are capacitively coupled to the signal lines.
Fast rise times (5 ns), as specified by the standard, result in very
effective coupling. This test is very strenuous because high voltages
are coupled onto the signal lines. The repetitive transients often
cause problems where single pulses do not. Destructive latch-up
can be induced due to the high energy content of the transients.
Note that this stress is applied while the interface products are
powered up and transmitting data. The EFT test applies
hundreds of pulses with higher energy than ESD. Worst-case
transient current on an I/O line can be as high as 40 A.
RC
RM
CC
HIGH
VOLTAGE
SOURCE
L
ZS
CD
50
OUTPUT
Figure 22. IEC1000-4-4 Fast Transient Generator
Test results are classified according to the following:
Classification 1: Normal performance within specifi-
cation limits
Classification 2: Temporary degradation or loss of
performance that is self-recoverable
Classification 3: Temporary degradation or loss of function
or performance that requires operator intervention or
system reset
Classification 4: Degradation or loss of function that is not
recoverable due to damage
The ADM202E/ADM1181A meet Classification 2 and have
been tested under worst-case conditions using unshielded
cables. Data transmission during the transient condition is
corrupted, but can resume immediately following the EFT event
without user intervention.


同様の部品番号 - ADM1181AARWZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1181AARWZ-REEL AD-ADM1181AARWZ-REEL Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

同様の説明 - ADM1181AARWZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com