データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100ELT20DT データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC100ELT20DT
部品情報  5VTTL to Differential PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT20DT データシート(HTML) 4 Page - ON Semiconductor

  MC100ELT20DT Datasheet HTML 1Page - ON Semiconductor MC100ELT20DT Datasheet HTML 2Page - ON Semiconductor MC100ELT20DT Datasheet HTML 3Page - ON Semiconductor MC100ELT20DT Datasheet HTML 4Page - ON Semiconductor MC100ELT20DT Datasheet HTML 5Page - ON Semiconductor MC100ELT20DT Datasheet HTML 6Page - ON Semiconductor MC100ELT20DT Datasheet HTML 7Page - ON Semiconductor MC100ELT20DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10ELT20, MC100ELT20
http://onsemi.com
4
Table 7. AC CHARACTERISTICS VCC = 4.75 V to 5.25 V; GND = 0.0 V
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
100
100
100
MHz
tPLH
Propagation Delay
1.5 V to 50%
0.6
0.82
1.2
0.6
0.82
1.25
0.6
0.83
1.35
ns
tPHL
Propagation Delay
1.5 V to 50%
0.4
1.0
0.5
0.8
1.1
0.7
1.30
ns
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
tr/tf
Output Rise/Fall Time
(20−80%)
0.15
1.5
0.15
1.5
0.15
1.5
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


同様の部品番号 - MC100ELT20DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100ELT20DTG ONSEMI-MC100ELT20DTG Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC100ELT20DTR2G ONSEMI-MC100ELT20DTR2G Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com