データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP16FMNR4 データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC100EP16FMNR4
部品情報  3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16FMNR4 データシート(HTML) 6 Page - ON Semiconductor

Back Button MC100EP16FMNR4 Datasheet HTML 2Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 3Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 4Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 5Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 6Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 7Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 8Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 9Page - ON Semiconductor MC100EP16FMNR4 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MC100EP16F
http://onsemi.com
6
0
100
200
300
400
500
600
700
800
0
1000
2000
3000
4000
5000
6000
Figure 2. Fmax/JITTER
FREQUENCY (MHz)
Measured
Simulated
1
2
3
4
5
6
7
8
(JITTER)
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


同様の部品番号 - MC100EP16FMNR4

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP16FD ONSEMI-MC100EP16FD Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP16FDG ONSEMI-MC100EP16FDG Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16FDR2G ONSEMI-MC100EP16FDR2G Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16FDTG ONSEMI-MC100EP16FDTG Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16FDTR2G ONSEMI-MC100EP16FDTR2G Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
More results

同様の説明 - MC100EP16FMNR4

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC100EP16F ONSEMI-MC100EP16F_16 Datasheet
166Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver With Reduced Output Swing
August, 2016 ??Rev. 6
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
logo
Micrel Semiconductor
SY100EP16V MICREL-SY100EP16V Datasheet
514Kb / 12P
   3.3V/5V Precision ECL Differential Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com