データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EP91MNR2G データシート(PDF) 10 Page - ON Semiconductor

部品番号 MC100EP91MNR2G
部品情報  2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP91MNR2G データシート(HTML) 10 Page - ON Semiconductor

Back Button MC100EP91MNR2G Datasheet HTML 2Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 3Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 4Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 5Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 6Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 7Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 8Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 9Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MC100EP91
http://onsemi.com
10
PACKAGE DIMENSIONS
QFN 24
MN SUFFIX
24 PIN QFN, 4x4
CASE 485L−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.25 AND 0.30 MM
FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
SEATING
PLANE
D
B
0.15 C
A2
A
A3
A
E
PIN 1
IDENTIFICATION
2X
0.15 C
2X
0.08 C
0.10 C
A1
C
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A2
0.60
0.80
A3
0.20 REF
b
0.23
0.28
D
4.00 BSC
D2
2.70
2.90
E
4.00 BSC
E2
2.70
2.90
e
0.50 BSC
L
0.35
0.45
24X
L
D2
b
1
6
7
18
13
19
e
12
E2
e
24
0.10
B
0.05
A
C
C
REF
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer
purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
MC100EP91/D
ECLinPS is a trademark of Semiconductor Components Industries, LLC.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


同様の部品番号 - MC100EP91MNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EP91MNR2G ONSEMI-MC100EP91MNR2G Datasheet
181Kb / 10P
   Any Level Positive Input to NECL Output Translator
August, 2016 ??Rev. 6
More results

同様の説明 - MC100EP91MNR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
MC100EP91 ONSEMI-MC100EP91_16 Datasheet
181Kb / 10P
   Any Level Positive Input to NECL Output Translator
August, 2016 ??Rev. 6
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
logo
Texas Instruments
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC100LVEL91 ONSEMI-MC100LVEL91_06 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
logo
Texas Instruments
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com