データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX0603MRNP06BB5 データシート(PDF) 10 Page - Continental Device India Limited

部品番号 CX0603MRNP06BB5
部品情報  SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CX0603MRNP06BB5 データシート(HTML) 10 Page - Continental Device India Limited

Back Button CX0603MRNP06BB5 Datasheet HTML 6Page - Continental Device India Limited CX0603MRNP06BB5 Datasheet HTML 7Page - Continental Device India Limited CX0603MRNP06BB5 Datasheet HTML 8Page - Continental Device India Limited CX0603MRNP06BB5 Datasheet HTML 9Page - Continental Device India Limited CX0603MRNP06BB5 Datasheet HTML 10Page - Continental Device India Limited CX0603MRNP06BB5 Datasheet HTML 11Page - Continental Device India Limited CX0603MRNP06BB5 Datasheet HTML 12Page - Continental Device India Limited CX0603MRNP06BB5 Datasheet HTML 13Page - Continental Device India Limited CX0603MRNP06BB5 Datasheet HTML 14Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Phycomp
Product specification
Surface-mount ceramic
EMI filter capacitors
X2Y® Series
2006 Nov.21 V.11
10
www.yageo.com
Ordering code: Yageo part number
Example: CX0805MRX7R8BB223
CX
0805
M
R
X7R
8
BB
223
Code 1 - 2
Series name
CX = X2Y® series
Code 7
Capacitance
tolerance
M =
±20%
Code 9 - 11
Code 13
Code 15 - 17
TC Material
Termination
Capacitance value
0 = x 1
1 = x 10
2 = x 102
3 = x 103
4 = x 104
5 = x 105
6 = x 106
X7R NP0
B = Ni-Barrier
Code 3 - 6
Size code
Code 8
Packing style
R = Paper tape reel
∅ 7 inch
K = Embossed plastic tape
reel
∅ 7 inch
Code 12
Rated voltage
5 = 6.3 V
6 = 10 V
7 = 16 V
8 = 25 V
9 = 50 V
0 = 100 V
Code 14
Process code
B = X7R
SCM045
(2 significant digits +
number of zeros; the
third digit signifies the
multiplying factor, and
letter R is decimal point)
EIA
mm
0603
(1608M)
0805
(2012M)
1206
(3216M)
1210
(3225M)
1410
(3625M)
1812
(4632M)


同様の部品番号 - CX0603MRNP06BB5

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
CX0603MRNP06BB5 PULSE-CX0603MRNP06BB5 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

同様の説明 - CX0603MRNP06BB5

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
CX0603MRX7R0BB102 YAGEO-CX0603MRX7R0BB102 Datasheet
1Mb / 15P
   SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
API Technologies Corp
1234-001 APITECH-1234-001 Datasheet
39Kb / 1P
   SURFACE MOUNT FILTER
logo
Bi technologies
LC0805L103M BITECH-LC0805L103M Datasheet
66Kb / 6P
   Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
logo
MTRONPTI
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
   Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
   Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com