データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX0603MKNP06BB5 データシート(PDF) 6 Page - Continental Device India Limited

部品番号 CX0603MKNP06BB5
部品情報  SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CDIL [Continental Device India Limited]
ホームページ  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CX0603MKNP06BB5 データシート(HTML) 6 Page - Continental Device India Limited

Back Button CX0603MKNP06BB5 Datasheet HTML 2Page - Continental Device India Limited CX0603MKNP06BB5 Datasheet HTML 3Page - Continental Device India Limited CX0603MKNP06BB5 Datasheet HTML 4Page - Continental Device India Limited CX0603MKNP06BB5 Datasheet HTML 5Page - Continental Device India Limited CX0603MKNP06BB5 Datasheet HTML 6Page - Continental Device India Limited CX0603MKNP06BB5 Datasheet HTML 7Page - Continental Device India Limited CX0603MKNP06BB5 Datasheet HTML 8Page - Continental Device India Limited CX0603MKNP06BB5 Datasheet HTML 9Page - Continental Device India Limited CX0603MKNP06BB5 Datasheet HTML 10Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Phycomp
Product specification
Surface-mount ceramic
EMI filter capacitors
X2Y® Series
2006 Nov.21 V.11
6
www.yageo.com
ELECTRICAL CHARACTERISTICS FOR X7R
Class 2 capacitors; X7R dielectric; NiSn terminations
Unless otherwise stated all electrical values apply at an ambient temperature of 20
±1 °C, an atmospheric pressure of
86 to 106 kPa, and a relative humidity of 63 to 67%.
DESCRIPTION
VALUE
Rated voltage Ur (DC)
10 V, 16 V, 25 V, 50 V/63 V and 100 V
Capacitance range
1.5 nF to 1 µF
Tolerance on capacitance after 1,000 hours
±20%
Dissipation factor (D.F.); note 1
10 V
5%
16 V
3.5%
≥25 V
2.5%
Insulation resistance after 1 minute at Ur (DC)
Rins × C > 500 seconds
Maximum capacitance change as a function of temperature
±15%
Aging
Typical 1% per time decade
Note
1. Measured at 20
°C, 1 V and 1 MHz, using a four-gauge method.


同様の部品番号 - CX0603MKNP06BB5

メーカー部品番号データシート部品情報
logo
Pulse A Technitrol Comp...
CX0603MKNP06BB5 PULSE-CX0603MKNP06BB5 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

同様の説明 - CX0603MKNP06BB5

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
CX0603MRX7R0BB102 YAGEO-CX0603MRX7R0BB102 Datasheet
1Mb / 15P
   SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
API Technologies Corp
1234-001 APITECH-1234-001 Datasheet
39Kb / 1P
   SURFACE MOUNT FILTER
logo
Bi technologies
LC0805L103M BITECH-LC0805L103M Datasheet
66Kb / 6P
   Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
logo
MTRONPTI
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
   Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
   Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com