データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


MC68340 データシート(Datasheet) 91 Page - Freescale Semiconductor, Inc

部品番号. MC68340
部品情報  Integrated Processor with DMA User’s Manual
ダウンロード  441 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo 

 91 page
background image
3- 42
MC68340 USER’S MANUAL
MOTOROLA
CLKOUT
AS
D15–D0
A31–A0
BR
BG
BGACK
Figure 3-23. Bus Arbitration Timing Diagram—Idle Bus Case
CLKOUT
A31–A0
R/W
AS
DS
D15–D0
DSACK0,
DSACK1
BR
BG
BGACK
S0
S1
S2
S3
S4
S5
Figure 3-24. Bus Arbitration Timing Diagram—Active Bus Case
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation
ADA4412-3Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
LMX2531LQ1500EHigh Performance Frequency Synthesizer System with Integrated VCO 1 2 3 4 5 MoreNational Semiconductor (TI)
MSP34X1GMultistandard Sound Processor Family with Virtual Dolby Surround 1 2 3 4 5 MoreMicronas
ADN2804622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier 1 2 3 4 5 MoreAnalog Devices
AD999212-Bit CCD Signal Processor with Precision Timing Generator 1 2 3 4 5 MoreAnalog Devices
ADE7768Energy Metering IC with Integrated Oscillator and Positive Power Accumulation 1 2 3 4 5 MoreAnalog Devices
CS5302Two−Phase Buck Controller with Integrated Gate Drivers and 4−Bit DAC 1 2 3 4 5 MoreON Semiconductor
CS5303Three−Phase Buck Controller with Integrated Gate Drivers 1 2 3 4 5 MoreON Semiconductor
CS5308Two−Phase PWM Controller with Integrated Gate Drivers for VRM 8.5 1 2 3 4 5 MoreON Semiconductor